Electronic Components Datasheet Search
  English  ▼

X  

IPSSAT Datasheet(PDF) 1 Page - Cynergy3 Co

Part # IPSSAT
Description  Intrinsically Safe, Semi-Flush Mount Pressure Transmitter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

IPSSAT Datasheet(HTML) 1 Page - Cynergy3 Co

  IPSSAT Datasheet HTML 1Page - Cynergy3 Co IPSSAT Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.cynergy3.com
© 2016 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001CERTIFIED
IPS AT
S
series
Intrinsically Safe, Semi-Flush Mount Pressure Transmitter
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset
21 7
BH
PE
IPSSAT 2016
Telephone +44 (0) 1202 897969
Email:sales@cynergy3.com
The intrinsically safe, semi-flush mount
pressure transmitter,
, has a piezo-
IPSSAT
resistive silicon or ceramic pressure
sensor. The sensor is semi-flush to the
housing making this product ideal for
viscous or paste like media. The sensor
and housing are made from stainless steel
with a choice of internal ‘O’ ring seals to
ensure the product is suitable for a wide
range of applications.
The electronics incorporate a
microprocessor-based amplifier, requiring
no adjusting and giving stable electronics
-or
especially in high vibration
shock
applications.
Every device is temperature compensated,
calibrated and supplied with a traceable
serial number and calibration certificate.
Accuracy < 0.2 %
±
5
FS BFSL
Pressure ranges from 100mbar to 100 bar
Pressure reference, Gauge or Absolute
Piezo-resistive sensor, Ceramic or Silicon
Performance
Accuracy (Non-Linearity
<±0. % /
(
)
& Hysteresis)
25
FS BFSL
Setting Errors (offsets)
Zero & Full Scale, <±0.5% / FS
Electrical Protection
Supply reverse polarity
No damage but also no function
Electromagnetic compatibility
Compliant
CE
Mechanical Stability
Shock
100g / 11s
Vibration
10g
(20 - 2000Hz)
RMS
Environment & Thermal Effects
Operating
2
20
Temperature
- 0ºC to +1 ºC
Storage temperature
-40ºC to +1 ºC
10
Compensated temperature
+20ºC to + ºC
80
Thermal Zero Shift (
)
<±0.04% / /ºC
TZS
FS
Thermal Span Shift (
)
<-0.015% /ºC
TSS
Permissible environment zone 0
-
6
20ºC to + 0ºC
with patm 0.8 to 1.1 bar
Material Specifications
Housing
Stainless Steel
316
“O” ring seals
Viton
Diaphragm
316L Stainless Steel or Ceramic
Media wetted parts
Housing & process connection, “O” ring
seal, diaphragm
Miscellaneous
Weight
Approx 100g
Installation position
Any, small zero shift when tilted through 90º
for silicon
Operational Life
> 100 x 10 cycles
6
Insulation resistance
> 50
hms at 50Vdc
MO
Approvals:-
ATEX IECE
/x
EII Ex ia
T4 Ga Ta (see schedule)
IIC


Similar Part No. - IPSSAT

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
IPSS CYNERGY3-IPSS Datasheet
74Kb / 2P
Semi-Flush Mount Pressure Transmitter
IPSS-G0100-5S CYNERGY3-IPSS-G0100-5S Datasheet
74Kb / 2P
Semi-Flush Mount Pressure Transmitter
IPSS-G0500-5S CYNERGY3-IPSS-G0500-5S Datasheet
74Kb / 2P
Semi-Flush Mount Pressure Transmitter
IPSS-G1000-5S CYNERGY3-IPSS-G1000-5S Datasheet
74Kb / 2P
Semi-Flush Mount Pressure Transmitter
IPSS-G1002-5C CYNERGY3-IPSS-G1002-5C Datasheet
74Kb / 2P
Semi-Flush Mount Pressure Transmitter
More results

Similar Description - IPSSAT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMI30 ETC2-SMI30 Datasheet
3Mb / 6P
Intrinsically Safe Sensors
logo
Cynergy3 Co
IPSS CYNERGY3-IPSS Datasheet
74Kb / 2P
Semi-Flush Mount Pressure Transmitter
IPSAT CYNERGY3-IPSAT Datasheet
939Kb / 2P
Intrinsically Safe Pressure Transducer
IPSLAT CYNERGY3-IPSLAT Datasheet
689Kb / 2P
Low Range, Intrinsically Safe Pressure Sensor
IPSLUAT CYNERGY3-IPSLUAT Datasheet
954Kb / 2P
Low Range, Intrinsically Safe Pressure Sensor
IPSUAT CYNERGY3-IPSUAT Datasheet
931Kb / 2P
Intrinsically Safe Pressure Transducer
logo
Pepperl+Fuchs Inc.
EI-0D2-10Y-10B PF-EI-0D2-10Y-10B Datasheet
1Mb / 5P
Intrinsically safe Ethernet Isolator
IDENT-EX01NE_DZ1 PF-IDENT-EX01NE_DZ1 Datasheet
741Kb / 2P
Intrinsically safe Bluetooth짰 handheld
IDENT-EX01NHCSL_DZ1 PF-IDENT-EX01NHCSL_DZ1 Datasheet
742Kb / 2P
Intrinsically safe Bluetooth짰 handheld
IDENT-EX01NH_DZ1 PF-IDENT-EX01NH_DZ1 Datasheet
742Kb / 2P
Intrinsically safe Bluetooth짰 handheld
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com