Electronic Components Datasheet Search
  English  ▼

X  

TSC2101 Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2101
Description  AUDIO CODEC WITH INTERATED HEADPHONE SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2101 Datasheet(HTML) 51 Page - Texas Instruments

Back Button TSC2101 Datasheet HTML 47Page - Texas Instruments TSC2101 Datasheet HTML 48Page - Texas Instruments TSC2101 Datasheet HTML 49Page - Texas Instruments TSC2101 Datasheet HTML 50Page - Texas Instruments TSC2101 Datasheet HTML 51Page - Texas Instruments TSC2101 Datasheet HTML 52Page - Texas Instruments TSC2101 Datasheet HTML 53Page - Texas Instruments TSC2101 Datasheet HTML 54Page - Texas Instruments TSC2101 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 90 page
background image
TSC2101
SLAS392C− JUNE 2003 − REVISED SEPTEMBER 2004
www.ti.com
51
REGISTER 02H: Buffer Control
BIT
NAME
RESET
VALUE
READ/
WRITE
FUNCTION
D15
BUFRES
0
R/W
Buffer Reset.
0 => Buffer mode is disabled and RDPTR, WRPTR & TGPTR set to their reset value.
1 => Buffer mode is enabled.
D14
BUFCONT
0
R/W
Buffer Mode Selection
0 => Continuous conversion mode.
1 => Single shot mode.
D13−D11
BUFTL
000
R/W
Trigger Level TL selection of Buffer used for SAR ADC
000 => 8
001 => 16
010 => 24
011 => 32
100 => 40
101 => 48
110 => 56
111 => 64
D10
BUFOVF
0
R
Buffer Full Flag
0 => Buffer is not full.
1 => Buffer is full. This means buffer contains 64 unread converted data.
D9
BUFEMF
1
R
Buffer Empty Flag
0 => Buffer is not empty.
1 => Buffer is empty. This means there is no unread converted data in the buffer.
D8−D0
0’s
R
Reserved
REGISTER 03H: Reference Control
BIT
NAME
RESET
VALUE
READ/
WRITE
FUNCTION
D15−D6
0’s
R
Reserved
D5
0
R/W
Reserved. Always write 0 to this bit.
D4
VREFM
0
R/W
Voltage Reference Mode. This bit configures the VREF pin as either external reference or internal
reference.
0 => External reference
1 => Internal reference
D3−D2
RPWUDL
00
R/W
Reference Power Up Delay. These bits allow for a delay time for measurements to be made after
the reference powers up, thereby assuring that the reference has settled
00 => 0
µs
01 => 100
µs
10 => 500
µs
11 => 1000
µs
Note: This will be valid only when device is programmed for internal reference and Bit D1 = 1, i.e.,
reference is powered down between the conversions if not required.
D1
RPWDN
1
R/W
Reference Power Down. This bit controls the power down of the internal reference voltage.
0 => Powered up at all times.
1 => Powered Down between conversions.
Note: When D4 = 0 i.e. device is in external reference mode then the internal reference is powered
down always.
D0
IREFV
0
R/W
Internal Reference Voltage. This bit selects the internal voltage for TSC ADC.
0 => VREF = 1.25 V
1 => VREF = 2.50 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com