Electronic Components Datasheet Search
  English  ▼

X  

2CL2FR Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # 2CL2FR
Description  100mA 35Kv 100nS--High voltage silicon rectifier diode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

2CL2FR Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  2CL2FR_16 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2CL2FR
100mA 35Kv 100nS--High voltage silicon rectifier diode
GETE ELECTRONIC CO.,LTD
Http://www.getedz.com
Http://www.hvgtsemi.com E-mai: sales@getedz.com
GETAI ELECTRONIC DEVICE CO.,LTD
TEL:0086-20-8184 9628
FAX:0086-20-8184 9638
2016 1 / 1
MAXIMUM RATINGS AND CHARACTERISTICS: (Absolute Maximum Ratings)
Items
Symbols
Condition
Data Value Units
Repetitive Peak Renerse Voltage
VRRM
Ta=25°C;
35
kV
Average Output Current
IF
Ta=25°C;Resistive Load
100
mA
Suege Current
IFSM
Ta=25°C; 1/2 Sine(60Hz)
10
A
Junction Temperature
TJ
-40~+125
°C
Allowable Operation Case Temperature
Tc
125
°C
Storage Temperature
TSTG
-40~+125
°C
ELECTRICAL CHARACTERISTICS: Ta=25°C (Unless otherwise specified)
Items
Symbols
Condition
Data value Units
Maximum Forward Voltage Drop
VF
at 25°C;IF =IF(AV)
52
V
Maximum Reverse Current
IR1
at 25°C;VR =VRRM
2.0
uA
IR2
at 100°C;VR =VRRM
50
uA
Maximum Reverse Recovery Time
TRR
at 25°C; IF=0.5IR; IR=IFAVM; IRR=0.25IR
100
nS
Junction Capacitance
CJ
at 25°C; VR=0V; f=1MHz
0.9
pF
HVGT high voltage silicon rectifier diodes is
made of high quality glass passivated chip and high
reliability epoxy resin sealing structure, and
through professional testing equipment inspection
qualified after to customers.
SHAPE DISPLAY:
SIZE: (Unit:mm)
HVGT NAME: DO-415
FEATURES:
1. High reliability design.
2. High voltage design.
3. High frequency .
4. Conform to RoHS.
5. Epoxy resin molded in vacuumHave
anticorrosion in the surface.
APPLICATIONS:
1. High voltage multiplier circuit
2. Electrostatic generator circuit .
3. General purpose high voltage rectifier.
4. Other.
MECHANICAL DATA:
1. Case: epoxy resin molding.
2. Terminal: welding axis.
3. Net weight: 0.65 grams (approx).


Similar Part No. - 2CL2FR_16

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL2FR GETEDZ-2CL2FR_17 Datasheet
516Kb / 2P
High Voltage Silicon Rectifier Diode
More results

Similar Description - 2CL2FR_16

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL2FR GETEDZ-2CL2FR Datasheet
63Kb / 1P
35kV 100mA HIGH VOLTAGE DIODE
JB289 GETEDZ-JB289 Datasheet
66Kb / 1P
35kV 100mA HIGH VOLTAGE DIODE
2CL2FP GETEDZ-2CL2FP_16 Datasheet
457Kb / 1P
100mA 30Kv 100nS--High voltage silicon rectifier diode
JB289 GETEDZ-JB289_16 Datasheet
71Kb / 1P
35kV 100mA HIGH VOLTAGE DIODE
2CL2FK GETEDZ-2CL2FK_16 Datasheet
446Kb / 1P
100mA 10Kv 100nS--High voltage silicon rectifier diode
HVRT100 GETEDZ-HVRT100_17 Datasheet
514Kb / 2P
30mA 10kV 100nS--High voltage silicon rectifier diode
HVRT250 GETEDZ-HVRT250_17 Datasheet
514Kb / 2P
30mA 25kV 100nS--High voltage silicon rectifier diode
HV55G15 GETEDZ-HV55G15_17 Datasheet
536Kb / 2P
55mA 15kV 100nS--High voltage silicon rectifier diode
HV55G30 GETEDZ-HV55G30_17 Datasheet
537Kb / 2P
55mA 30kV 100nS--High voltage silicon rectifier diode
HV500F12 GETEDZ-HV500F12_17 Datasheet
507Kb / 2P
450mA 12kV 100nS--High voltage silicon rectifier diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com