Electronic Components Datasheet Search
  English  ▼

X  

LM2641 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2641
Description  Dual Adjustable Step-Down Switching Power Supply Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2641 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM2641 Datasheet HTML 6Page - National Semiconductor (TI) LM2641 Datasheet HTML 7Page - National Semiconductor (TI) LM2641 Datasheet HTML 8Page - National Semiconductor (TI) LM2641 Datasheet HTML 9Page - National Semiconductor (TI) LM2641 Datasheet HTML 10Page - National Semiconductor (TI) LM2641 Datasheet HTML 11Page - National Semiconductor (TI) LM2641 Datasheet HTML 12Page - National Semiconductor (TI) LM2641 Datasheet HTML 13Page - National Semiconductor (TI) LM2641 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Typical Performance Charateristics (Continued)
Theory of Operation
Basic Operation of the Current-Mode Controller
The output voltage is held at a constant value by the main
control loop, which is made up of the
error amplifier, the cur-
rent sense amplifier, and the PWM comparator (refer to the
Block Diagram,
Figure 3).
The LM2641 controller has two primary modes of operation:
Forced Pulse-Width Modulation (FPWM) where the control-
ler always operates at a fixed frequency, and
Pulse-Skipping
mode where the controller frequency decreases at reduced
output loads to improve light-load efficiency.
FPWM Mode of Operation
Pulling the FPWM pin low initiates a mode of operation
called Forced Pulse-Width Modulation (FPWM). This means
that the LM2641 will
always operate at a fixed frequency, re-
gardless of output load. The cycle of operation is:
The high-side FET switch turns ON at the beginning of every
clock cycle, causing current to flow through the inductor. The
inductor current ramps up, causing a voltage drop across the
sense resistor, and this voltage is amplified by the current
sense amplifier.
The voltage signal from the current sense amplifier is applied
to the input of the PWM comparator, where it is compared to
the control level set by the error amplifier. Once the current
sense signal reaches this control voltage, the PWM com-
parator resets the driver logic which turns OFF the high-side
FET switch.
The low-side FET switch turns on after a delay time which is
the lesser of either:
(a) The time it takes the SW pin voltage to reach zero (this
voltage is sensed by the shoot-through protection circuitry).
(b) 100 ns, which is the pre-set value for maximum delay.
When operating at very light loads (in FPWM mode), the in-
ductor current must flow in a negative direction through the
low-side FET switch in order to maintain the fixed-frequency
mode of operation. For this reason, the built-in zero cross
detector is disabled when ever FPWM mode is activated
(that is, when ever the FPWM pin is pulled to a low state).
It should be noted that if the FPWM pin is high (operation de-
scribed in next section), the zero cross detector will turn OFF
the low-side FET switch anytime the inductor current drops
to zero (which prevents negative inductor current).
Pulse-Skipping Mode of Operation
Pulling the FPWM pin high allows the LM2641 to operate in
pulse-skipping mode at light loads, where the switching fre-
quency decreases as the output load is reduced. The con-
troller will operate in fixed-frequency mode, as described in
the previous section, if the output load current is sufficiently
high.
Pulse-skipping results in higher efficiency at light loads, as
decreasing the switching frequency reduces switching
Normalized Error Amplifier Voltage
vs
Junction Temperature
DS100949-26
Error Amplifier Gm vs
Junction Temperature
DS100949-27
Normalized Oscillator Frequency
vs
Junction Temperature
DS100949-28
Shutdown Quiescent Current
And Standby Quiescent Current vs
Supply Voltage
DS100949-29
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com