Electronic Components Datasheet Search
  English  ▼

X  

WT6018 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # WT6018
Description  Digital Monitor Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WT6018 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button WT6018 Datasheet HTML 15Page - List of Unclassifed Manufacturers WT6018 Datasheet HTML 16Page - List of Unclassifed Manufacturers WT6018 Datasheet HTML 17Page - List of Unclassifed Manufacturers WT6018 Datasheet HTML 18Page - List of Unclassifed Manufacturers WT6018 Datasheet HTML 19Page - List of Unclassifed Manufacturers WT6018 Datasheet HTML 20Page - List of Unclassifed Manufacturers WT6018 Datasheet HTML 21Page - List of Unclassifed Manufacturers WT6018 Datasheet HTML 22Page - List of Unclassifed Manufacturers WT6018 Datasheet HTML 23Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
WT6018
Digital Monitor Controller
Ver. 1.41 Jul-31-1998
Weltrend Semiconductor, Inc.
21
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Parameter
Min.
Max
Units
DC Supply Voltage (VDD)
-0.3
7.0
V
Input and output voltage with respect to Ground
All pins except DA0 to DA7
DA0 to DA7
-0.3
-0.3
VDD+0.3
11.5V
V
V
Storage temperature
-65
150
o
C
Ambient temperature with power applied
-10
70
o
C
* Note : Stresses above those listed may cause permanent damage to the device.
D.C. Characteristics ( VDD=5.0V + 5% , Ta=0 - 70 OC)
Symbol
Parameter
Condition
Min.
Typ. Max. Units
VDD
Supply Voltage
4.0
5
5.5
V
VIH
Input High Voltage
All input pins (except HSYNC and VSYNC)
3.0
-
VDD+
0.3
V
VIL
Input Low Voltage
All input pins (except HSYNC and VSYNC)
-0.3
-
1.5
V
VSIH
Sync Input High
Voltage
HSYNC and VSYNC pin
2.0
-
VDD+
0.3
V
VSIL
Sync Input Low
Voltage
HSYNC and VSYNC pin
-0.3
-
0.8
V
IOH= -100uA
PA0-PA7 pins
3.5
-
-
V
IOH= -6mA
PB0-PB6, PC0-PC7, PD0, PD1, DA8-DA13,
HSO, VSO and HSO pins
3.5
-
-
V
DA0-DA7 pins (external voltage)
-
-
10.5
V
VOH
Output High Voltage
SCL and SDA pins (open drain)
-
-
5.5
V
IOL= 5mA
PA0-PA7, PB0-PB6, PD0-1, DA0-DA13,
SCL, SDA, VSO and HSO pins
-
-
0.4
V
VOL
Output Low Voltage
IOL= 10mA
PC0-PC7 pins
-
-
0.4
V
IIL
Input Leakage Current SDA, SCL, HSYNC and VSYNC pins ( VIN
= 0 to 5V)
-10
-
10
uA
RPH
Pull High Resistance
VIN=0.8V
PA0-PA7, PB0-PB6, PC0-PC7, /RESET and
/IRQ pins
16
22
28
Kohm
IDD
Operating Current
No load
-
3
20
mA
VRESET Reset Voltage
/RESET pin
3.8
4.0
4.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com