Electronic Components Datasheet Search
  English  ▼

X  

LM2647MTC Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2647MTC
Description  Dual Synchronous Buck Regulator Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2647MTC Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM2647MTC Datasheet HTML 8Page - National Semiconductor (TI) LM2647MTC Datasheet HTML 9Page - National Semiconductor (TI) LM2647MTC Datasheet HTML 10Page - National Semiconductor (TI) LM2647MTC Datasheet HTML 11Page - National Semiconductor (TI) LM2647MTC Datasheet HTML 12Page - National Semiconductor (TI) LM2647MTC Datasheet HTML 13Page - National Semiconductor (TI) LM2647MTC Datasheet HTML 14Page - National Semiconductor (TI) LM2647MTC Datasheet HTML 15Page - National Semiconductor (TI) LM2647MTC Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Operation Descriptions (Continued)
Note: A common question is: can one change from FPWM to SKIP Mode ‘on
the fly’? That means that the voltage on the FPWM pin would be
changed while the converter is operating normally (with outputs in
regulation). This is generally not recommended. The designer must
realize that doing so would in essence represent a fundamental
change applied to the system. The pulse widths would need to re-
adjust suddenly and in the process momentary imbalances can be
created. For example, there is an observed negative surge current
passing from Drain to Source of the lower FET. It must be kept in mind
that though the LM2647 has current limiting for current passing in the
‘positive’ direction (positive with regards to the inductor, i.e. passing
from Source to Drain of the lower FET), there is no set limit for reverse
currents. The amount of reverse current when the FPWM pin is toggled
‘on the fly’ can be very high. This current is determined by several
factors. One key factor is the output capacitance. Large output capaci-
tances will lead to higher peak reverse currents. The reverse swing will
be worse for lighter loads because of the bigger difference between the
duty cycles/average frequency in the two modes. See Figure 5 for a
plot of what happened in going from SKIP to FPWM mode at 0A load
(worst case). The peak reverse current was as high as 3A, lasting
about 0.1ms. The inductor could also saturate severely at this point if
designed for light loads. In general, if the designer wants to toggle the
FPWM pin while the converter is operating, both the low side FET
rating and the inductor peak current rating must be closely evaluated
under this condition.
SOFT-START
The maximum output voltage of the error amplifier is limited
during start-up by the voltage on the 0.1µF capacitor con-
nected between the SS pin and ground. When the controller
is enabled (by taking EN pin high) the following steps may
occur. First the SS capacitor is discharged (if it has a pre-
charge) by a 1.8 k
Ω internal resistor (R
SS_DCHG, see Elec-
trical Characteristics). This ensures that reset is obtained.
Note that reset is said to occur only when the voltage on both
the SS pins falls below 100mV (V
SS_RESET, see Electrical
Characteristics table). Then a charging current source
I
SS_CHG of 11µA is applied at this pin to bring up the voltage
of the Soft-start capacitor voltage gradually. This causes the
(maximum allowable) duty cycle to increase slowly, thereby
limiting the charging current into the output capacitor and
also ensuring that the inductor does not saturate. The Soft-
start capacitor will eventually charge up close to the 5V input
rail. When EN is pulled low the Soft-start capacitor is dis-
charged by the same 1.8 k
Ω internal resistor and the con-
troller is shutdown. Now the sequence is allowed to repeat
the next time EN is taken high.
The above Soft-start sequence is actually initiated not only
whenever EN is taken high, but also under a normal
power-up or during recovery from a fault condition (more on
this later).
As mentioned in the section ‘Forced-PWM Mode and Pulse-
skip Mode’ under startup, since the currents are high until the
output capacitors have charged up, there will be no observ-
able difference in the shape of the ramp-up of the output rails
in either SKIP mode or FPWM mode. The design has thus
forced the startup waveforms to be identical irrespective of
whether the FPWM mode or the SKIP mode has been
selected.
SHUTDOWN/SOFT-SHUTDOWN
When the EN pin is driven low, the LM2647 initiates shut-
down by turning OFF both upper and lower FETs completely
(this occurs irrespective of FPWM or SKIP modes). See
Figure 6 for a typical shutdown plot and note that the LDRV
20056312
FIGURE 4. Inductor Current in FPWM Mode
20056313
CH1: PGOOD, CH2: Vo, CH3: LDRV, CH4: IL (1A/div)
Output 1V @ 0A, VIN = 10V, L = 10µH, f = 300kHz
FIGURE 5. SKIP to FPWM ’On The Fly’
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com