Electronic Components Datasheet Search
  English  ▼

X  

LM2651 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2651
Description  1.5A High Efficiency Synchronous Switching Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2651 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2651 Datasheet HTML 1Page - National Semiconductor (TI) LM2651 Datasheet HTML 2Page - National Semiconductor (TI) LM2651 Datasheet HTML 3Page - National Semiconductor (TI) LM2651 Datasheet HTML 4Page - National Semiconductor (TI) LM2651 Datasheet HTML 5Page - National Semiconductor (TI) LM2651 Datasheet HTML 6Page - National Semiconductor (TI) LM2651 Datasheet HTML 7Page - National Semiconductor (TI) LM2651 Datasheet HTML 8Page - National Semiconductor (TI) LM2651 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LM2651
1.5A High Efficiency Synchronous Switching Regulator
General Description
The LM2651 switching regulator provides high efficiency
power conversion over a 100:1 load range (1.5A to 15mA).
This
feature
makes
the
LM2651
an
ideal
fit
in
battery-powered applications that demand long battery life in
both run and standby modes.
Synchronous rectification is used to achieve up to 97% effi-
ciency. At light loads, the LM2651 enters a low power hyster-
etic or “sleep” mode to keep the efficiency high. In many ap-
plications, the efficiency still exceeds 80% at 15mA load. A
shutdown pin is available to disable the LM2651 and reduce
the supply current to less than 10µA.
The LM2651 contains a patented current sensing circuitry for
current mode control. This feature eliminates the external
current sensing resistor required by other current-mode
DC-DC converters.
The LM2651 has a 300 kHz fixed frequency internal oscilla-
tor. The high oscillator frequency allows the use of extremely
small, low profile components.
A programmable soft-start feature limits current surges from
the input power supply at start up and provides a simple
means of sequencing multiple power supplies.
Other protection features include input undervoltage lockout,
current limiting, and thermal shutdown.
Features
n
Ultra high efficiency up to 97%
n
High efficiency over a 1.5A to milliamperes load range
n
4V to 14V input voltage range
n
1.8V, 2.5V, 3.3V, or ADJ output voltage
n
Internal MOSFET switch with low R
DS(on) of 75mΩ
n
300kHz fixed frequency internal oscillator
n
7µA shutdown current
n
Patented current sensing for current mode control
n
Input undervoltage lockout
n
Adjustable soft-start
n
Current limit and thermal shutdown
n
16-pin TSSOP package
Applications
n
Personal digital assistants (PDAs)
n
Computer peripherals
n
Battery-powered devices
n
Handheld scanners
n
High efficiency 5V conversion
Typical Application
DS100925-15
Efficiency vs Load Current
(V
IN = 5V, VOUT = 3.3V)
DS100925-1
February 2000
© 2000 National Semiconductor Corporation
DS100925
www.national.com


Similar Part No. - LM2651

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2651 NSC-LM2651 Datasheet
630Kb / 11P
1.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2651 TI1-LM2651 Datasheet
966Kb / 20P
1.5A High Efficiency Synchronous Switching Regulator
LM2651 TI2-LM2651 Datasheet
545Kb / 26P
LM2651 1.5 A High-Efficiency Synchronous Switching Regulator
REVISED JANUARY 2016
logo
National Semiconductor ...
LM2651MTC-1.8 NSC-LM2651MTC-1.8 Datasheet
630Kb / 11P
1.5A High Efficiency Synchronous Switching Regulator
LM2651MTC-2.5 NSC-LM2651MTC-2.5 Datasheet
630Kb / 11P
1.5A High Efficiency Synchronous Switching Regulator
More results

Similar Description - LM2651

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2653 NSC-LM2653 Datasheet
243Kb / 13P
1.5A High Efficiency Synchronous Switching Regulator
LM2655 NSC-LM2655 Datasheet
377Kb / 16P
2.5A High Efficiency Synchronous Switching Regulator
LM2651 NSC-LM2651_05 Datasheet
630Kb / 11P
1.5A High Efficiency Synchronous Switching Regulator
LM2653 NSC-LM2653_05 Datasheet
663Kb / 12P
1.5A High Efficiency Synchronous Switching Regulator
LM2655 NSC-LM2655_05 Datasheet
769Kb / 16P
2.5A High Efficiency Synchronous Switching Regulator
LM26001 NSC-LM26001_08 Datasheet
502Kb / 18P
1.5A Switching Regulator with High Efficiency Sleep Mode
logo
Texas Instruments
LM2653MTCX-ADJ TI1-LM2653MTCX-ADJ Datasheet
1Mb / 20P
LM2653 1.5A High Efficiency Synchronous Switching Regulator
LM2651 TI1-LM2651_14 Datasheet
966Kb / 20P
1.5A High Efficiency Synchronous Switching Regulator
LM2651 TI-LM2651_15 Datasheet
946Kb / 19P
LM2651 1.5A High Efficiency Synchronous Switching Regulator
LM2655 TI-LM2655_15 Datasheet
757Kb / 18P
2.5A High Efficiency Synchronous Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com