Electronic Components Datasheet Search
  English  ▼

X  

APM4953 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APM4953
Description  Dual P-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM4953 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APM4953 Datasheet HTML 1Page - Anpec Electronics Coropration APM4953 Datasheet HTML 2Page - Anpec Electronics Coropration APM4953 Datasheet HTML 3Page - Anpec Electronics Coropration APM4953 Datasheet HTML 4Page - Anpec Electronics Coropration APM4953 Datasheet HTML 5Page - Anpec Electronics Coropration APM4953 Datasheet HTML 6Page - Anpec Electronics Coropration APM4953 Datasheet HTML 7Page - Anpec Electronics Coropration APM4953 Datasheet HTML 8Page - Anpec Electronics Coropration APM4953 Datasheet HTML 9Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Dual P-Channel Enhancement Mode MOSFET
Copyright
 ANPEC Electronics Corp.
Rev. A.2 - Feb., 2003
APM4953
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
Pin Description
Ordering and Marking Information
Features
Applications
• Power Management in Notebook Computer,
Portable Equipment and Battery Powered
Systems
SO − 8
• -30V/-4.9A, R
DS(ON) = 53mΩ(typ.) @ VGS = -10V
R
DS(ON) = 80mΩ(typ.) @ VGS = -4.5V
••••• Super High Density Cell Design
••••• Reliable and Rugged
••••• SO-8 Package
Symbol
Parameter
Rating
Unit
VDSS
Drain-Source Voltage
-30
VGSS
Gate-Source Voltage
±25
V
ID*
Maximum Drain Current – Continuous TA = 25°C
-4.9
IDM
Maximum Drain Current – Pulsed
-30
A
* Surface Mounted on FR4 Board, t ≤ 10 sec.
Absolute Maximum Ratings (T
A = 25°C unless otherwise noted)
P-Channel MOSFET
APM 4953
H andling C ode
Te m p . R a ng e
P a ck age C o d e
P a ck age C ode
K : S O -8
O peration Junc tion T em p. R ange
C : -5 5 to 1 50°C
H andling C ode
T U : T u b e
T R : T a p e & R e e l
A P M 4953 K :
APM 49 5 3
XXXXX
XXXXX - Da te C o de

!
"#
$
%
&
5
/
5
/
,
,
,
,
/
5
, ,
/
5
,
,


Similar Part No. - APM4953

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
APM4953 ARTSCHIP-APM4953 Datasheet
500Kb / 7P
Dual P-Channel Enhancement Mode Mosfet
logo
TECH PUBLIC Electronics...
APM4953 TECHPUBLIC-APM4953 Datasheet
1Mb / 5P
Dual P-Channel 30V (D-S) MOSFET
logo
Guangdong Youtai Semico...
APM4953 UMW-APM4953 Datasheet
534Kb / 6P
-30V P-Channel MOSFET
logo
EVER SEMICONDUCTOR CO.,...
APM4953 EVVOSEMI-APM4953 Datasheet
538Kb / 6P
-30V P-Channel MOSFET
Rev:2023A2
logo
Anpec Electronics Corop...
APM4953K ANPEC-APM4953K Datasheet
119Kb / 10P
Dual P-Channel Enhancement Mode MOSFET
More results

Similar Description - APM4953

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEM4953 CET-CEM4953 Datasheet
499Kb / 5P
Dual P-Channel Enhancement Mode MOSFET
logo
Linear Integrated Syste...
3N190-1 LINEAR-3N190-1 Datasheet
274Kb / 2P
P-CHANNEL DUAL MOSFET ENHANCEMENT MODE
logo
Anpec Electronics Corop...
APM4947K ANPEC-APM4947K Datasheet
117Kb / 10P
Dual P-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP6308 SYNC-POWER-SPP6308 Datasheet
213Kb / 8P
Dual P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP3098LSD DIODES-DMP3098LSD Datasheet
165Kb / 4P
DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DS31448 Rev. 3 - 2
DMP210DUDJ DIODES-DMP210DUDJ Datasheet
446Kb / 6P
DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DS31494 Rev. 4 - 2
DMP57D5UV DIODES-DMP57D5UV Datasheet
150Kb / 5P
DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DS31540 Rev. 3 - 2
DMP2035UTS DIODES-DMP2035UTS Datasheet
163Kb / 6P
DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DS31940 Rev. 3 - 2
DMG1023UV DIODES-DMG1023UV Datasheet
139Kb / 6P
DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DS31975 Rev. 5 - 2
logo
SYNC POWER Crop.
SPP6308 SYNC-POWER-SPP6308_08 Datasheet
218Kb / 8P
Dual P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com