Electronic Components Datasheet Search
  English  ▼

X  

LM2647LQ Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2647LQ
Description  Dual Synchronous Buck Regulator Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2647LQ Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LM2647LQ Datasheet HTML 16Page - National Semiconductor (TI) LM2647LQ Datasheet HTML 17Page - National Semiconductor (TI) LM2647LQ Datasheet HTML 18Page - National Semiconductor (TI) LM2647LQ Datasheet HTML 19Page - National Semiconductor (TI) LM2647LQ Datasheet HTML 20Page - National Semiconductor (TI) LM2647LQ Datasheet HTML 21Page - National Semiconductor (TI) LM2647LQ Datasheet HTML 22Page - National Semiconductor (TI) LM2647LQ Datasheet HTML 23Page - National Semiconductor (TI) LM2647LQ Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Application Information (Continued)
The V-I crossover losses (exist only in upper FET) are:
Pswon_u = 1/2
• VIN • Io • f • ton_u
Pswon_u = 464mW
Pswoff_u = 1/2
• VIN • Io • f • toff_u
Pswoff_u = 232mW
There is another loss term associated with charging C
OSS
every cycle, then dumping it into the FET before the next
charge cycle. This applies to both upper and lower FETs.
Pcoss_u = 1/2
• C
OSS_u • VIN
2 • f
Pcoss_l = 1/2
• C
OSS_l • VIN
2 • f
From the datasheets of the chosen FETs, ’Coss’ are respec-
tively about:
C
OSS_u = 250pF
C
OSS_l = 500pF
So
Pcoss_u = 15mW
Pcoss_I = 30mW
Summing up,
Psw_u = 464+132+15=611mW
Psw_I = 30mW
Controller Losses
In addition to the losses in the FETs, there is another loss
term associated with the switching, and this is dissipated in
the controller. The LM2647 has to pump in current pulses at
each transition to turn-ON or turn-OFF the FETs. Several
simplified or more complicated equations exist for calculat-
ing this, but this is most easily deduced by simply turning to
the measured consumption (see Electrical Characteristics
table). The current into the V5 pin is I
Q_V5 and reflects the
driver consumption. This can be as high as 1.5mA (mea-
sured at 300kHz). Let us also include the current into the
control sections (VDD pin), which can be as high as 4mA.
The total controller consumption is therefore
P
IC =(IQ_V5 +IQ_VDD)x5
P
IC = 28mW
Inductor Losses
The DC resistance (‘DCR’) of the chosen inductor is typically
is 26m
Ω. The DC loss is therefore DCR*Io2. The core losses
typically add 10% more to this. Therefore our estimate of
total inductor loss is
Pind=1.1 x (DCR x Io
2)
Pind = 257mW
Capacitor Losses
The output capacitor of a typical buck regulator has very low
ripple current going through it. So its loss term can be
ignored. The input capacitor however provides the sharp
pulses of current for the Switch, and therefore the RMS
current through it can be fairly high. But the dissipation can
still be negligible if the ESR is very low. This is the situation
if the input capacitors are monolithic ceramic capacitors as in
the Evaluation board (if Tantalum or Aluminum electrolytic
capacitors are used at the input, their dissipation must be
accounted for here). The final efficiency/loss terms are pro-
vided in Table 1.
20056323
FIGURE 13. Crossover (turn-on or turn-off)
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com