Electronic Components Datasheet Search
  English  ▼

X  

M3G055-DF Datasheet(PDF) 5 Page - ebm-papst

Part # M3G055-DF
Description  EC centrifugal fan - RadiCal
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

M3G055-DF Datasheet(HTML) 5 Page - ebm-papst

  M3G055-DF Datasheet HTML 1Page - ebm-papst M3G055-DF Datasheet HTML 2Page - ebm-papst M3G055-DF Datasheet HTML 3Page - ebm-papst M3G055-DF Datasheet HTML 4Page - ebm-papst M3G055-DF Datasheet HTML 5Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
EC centrifugal fan - RadiCal®
backward curved
R3G250-RE09-07
Charts: Air flow 50 Hz
Druck p f s[Pa]für Rho=1,2kg/m^3
qv[m^3/h]
1.700
1.600
1.500
1.400
1.300
1.200
1.100
1.000
900
800
700
600
500
400
300
200
100
0
qv[cfm]
1.000
900
800
700
600
500
400
300
200
100
0
740
720
700
680
660
640
620
600
580
560
540
520
500
480
460
440
420
400
380
360
340
320
300
280
260
240
220
200
180
160
140
120
100
80
60
40
20
0
2,9
2,8
2,7
2,6
2,5
2,4
2,3
2,2
2,1
2
1,9
1,8
1,7
1,6
1,5
1,4
1,3
1,2
1,1
1
0,9
0,8
0,7
0,6
0,5
0,4
0,3
0,2
0,1
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Measurement: LU-128144
Air performance measured as per ISO 5801
Installation category A. For detailed
information on the measuring set-up, please
contact ebm-papst. Suction-side noise
levels: LwA measured as per ISO 13347 /
LpA measured with 1m distance to fan axis.
The values given are valid under the
measuring conditions mentioned above and
may vary according to the actual installation
situation. With any deviation from the
standard set-up, the specific values have to
be checked and reviewed with the unit
installed.
Measured values
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
U
V
230
230
230
230
230
230
230
230
230
230
230
230
230
230
230
230
f
Hz
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
n
min-1
2680
2565
2510
2610
2400
2400
2400
2400
2000
2000
2000
2000
1600
1600
1600
1600
Ped
W
146
170
170
160
104
140
142
125
60
81
82
72
31
41
42
37
I
A
1.17
1.40
1.40
1.28
0.84
1.11
1.12
1.00
0.49
0.64
0.65
0.58
0.25
0.33
0.33
0.30
LpAin
dB(A)
68
63
59
65
65
62
58
64
61
58
54
60
57
53
49
55
LwAin
dB(A)
76
71
67
73
73
70
66
71
69
66
62
67
65
61
57
62
qv
m3/h
1505
1225
975
560
1350
1145
915
515
1125
950
765
430
900
760
610
340
pfs
Pa
0
200
350
500
0
176
309
423
0
122
214
294
0
78
137
188
U = Supply voltage · f = Frequency · n = Speed · Ped = Power input · I = Current draw · LpAin = Sound pressure level inlet side · LwAin = Sound power level inlet side · qv = Air flow
pfs = Pressure increase
Item no. 51152-5-9980 · Revision 75542 · Release 2012-11-06 · Page 5 / 5
ebm-papst Mulfingen GmbH & Co. KG · Bachmühle 2 · D-74673 Mulfingen · Phone +49 (0) 7938 81-0 · Fax +49 (0) 7938 81-110 · info1@de.ebmpapst.com · www.ebmpapst.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com