Electronic Components Datasheet Search
  English  ▼

X  

OMA8201SF Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OMA8201SF
Description  DUAL HIGH POWER, HIGH CURRENT OPERATIONAL AMPLIFIER MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OMA8201SF Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OMA8201SF Datasheet HTML 1Page - List of Unclassifed Manufacturers OMA8201SF Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OMA8201SF
3.4
205 Crawford Street, Leominster, MA 01453 USA (508) 534-5776 FAX (508) 537-4246
ELECTRICAL CHARACTERISTICS (T
C = 25°C; VS = ±34 VDC unless otherwise noted.)
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Offset Voltage
V
OS
±.01
±2
mV
vs Temperature
-25°C to +125°C
±15
±30
µV/°C
vs Temperature
-55°C to -25°C
±20
±40
µV/°C
vs Supply Voltage
V
S = ±10V to ± VMAX
±2.5
±10
µV/V
vs Power
±20
±60
µV/W
Input Bias Current
I
B
Specified Temperature Range
20
50
nA
Input Offset Current
I
OS
Specified Temperature Range
±5
±20
nA
Input Characteristics
Common-Mode Voltage Range
-55°C to +85°C
±(œV
Sœ - 6)
±(œV
Sœ - 3)
V
+85°C to +125°C
±(œV
Sœ - 6.5)
±(œV
Sœ - 3.2)
V
Common-Mode Rejection
V
CM = ±(œVSœ - 6V)
113
dB
V
CM = ±22V
95
dB
Input Capacitance*
5pF
Input Capacitance, DC*
1T
Gain Characteristics
Open Loop Gain at 10Hz
R
L = 10k
90
97
dB
Gain Bandwidth Product*
1.6
MHz
Output
Voltage Swing
I
O = 5A, Continuous
±(œV
Sœ - 5.5)
±(œV
Sœ - 4.5)
V
I
C = 25A, TC = 125°C
±(œV
Sœ - 4)
±(œV
Sœ - 3.6)
V
I
C = 25
, T
C = -55°C
±(œV
Sœ - 6)
±(œV
Sœ - 5.5)
V
Current Peak
910
A
AC Performance
Slew Rate
6
10
V/µS
Power Bandwidth*
R
L = 8 , VO = 20Vrms
55
kHz
Setting Time to 0.1%*
2V Step
2
µS
Capacitive Load*
Specified Temperature Range, G =1
3.3
nF
Specified Temperature Range, G >10
SOA
Phase Margin*
Specified Temperature Range, R
L = 8
40
Degrees
Power Supply
Power Supply Voltage, ±V
S
±10
±35
±40
V
Current Quiescent
Specified Temperature Range
50
70
mA
Thermal Resistance
q
JC (Junction-to-Case)
AC Output, f < 60Hz
1.25
1.5
°C/W
DC Output
1.4
1.9
°C/W
q
JA (Junction-to-Ambient)
No Heat Sink
30
°C/W
Notes: *Guaranteed - not tested 100%.
1.550
.270
MAX.
.150 TYP.
.125
.105
.040 DIA.
.275
.040
.125 DIA.
2 HOLES
.12 PINS
1.300
1.050
.500
MIN.
.550
.250
.275
MECHANICAL OUTLINE
PIN CONNECTION
1
2
3
4
5
6
12
11
10
9
8
7
Pin 1:
-V
S
Pin 2:
CS1 OUT
Pin 3:
R1
Pin 4:
-IN 2
Pin 5:
+IN 2
Pin 6:
R2
Pin 7:
R2
Pin 8:
CS2 OUT
Pin 9:
+V
S
Pin 10: R1
Pin 11: -IN 1
Pin 12: +IN 1
•
Pin 1 Designation



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com