Electronic Components Datasheet Search
  English  ▼

X  

RER160 Datasheet(PDF) 1 Page - ebm-papst

Part # RER160
Description  AC centrifugal fans
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

RER160 Datasheet(HTML) 1 Page - ebm-papst

  RER160 Datasheet HTML 1Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
171
Nominal data
Typ
m3/h 10-3 m3/s V DC
Hz
dB(A)
Bel
/
Watts
RPM
°C
Hours
Hours
Type
m3/h
CFM
V
Hz
Bel(A)
/
Watts
RPM
°C
Hours
Hours
RER 160-28/56S
234
137,7
230
50
6,6
/
45,0
2 800
-30...+60
30 000 / 20 000
1
RER 160-28/06S
274
161,3
115
60
6,8
/
46,0
3 250
-30...+70
30 000 / 15 000
2
SSPP
IP54
IP54
Û
HHPP
max.
274 m3/h
– AC centrifugal fan with external rotor shaded-pole motor. Impedance protected
against overloading.
– Impeller of fibreglass-reinforced plastic, with steel plate reinforced.
– Direction of air flow radial. Direction of rotation counter-clockwise, seen on rotor.
– Electrical connection via leads AWG 18. Bared and tin-plated.
– Mass: 1.0 kg.
AC centrifugal fans
Series RER 160
176 Ø x 54 mm
0
3 0
6 0
9 0
120
150
50
100
50
150
200
250
1
2
50 Hz
60 Hz
150
100
200
250
m³/h
CFM
The air flow and noise level of fans without
external housing depend on the installation
conditions. The stated air flow and noise
levels have been measured under the
following conditions:
Centrifugal fan mounted on a base plate
260 x 260 mm. Cover plate 260 x 260 mm
with an air inlet of Ø 100 mm, concentric to
the impeller.
Kompaktlüfter__2011__EN__Final__17_01_2011_:Vorlage 18.01.2011 14:22 Seite 171


Similar Part No. - RER160

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RER160-28 ETC2-RER160-28 Datasheet
366Kb / 1P
DC centrifugal fans Series RER 160 NTDU 횠165 x 51 mm
RER160-28-18NTDAU ETC2-RER160-28-18NTDAU Datasheet
366Kb / 1P
DC centrifugal fans Series RER 160 NTDU 횠165 x 51 mm
logo
ebm-papst
RER160-28/06S EBMPAPST-RER160-28/06S Datasheet
361Kb / 1P
MOTORIZED IMPELLER
RER160-28/06S EBMPAPST-RER160-28/06S Datasheet
191Kb / 1P
AC centrifugal fans
RER160-28/12N EBMPAPST-RER160-28/12N Datasheet
248Kb / 1P
DC centrifugal fans
More results

Similar Description - RER160

ManufacturerPart #DatasheetDescription
logo
ebm-papst
R2E250-AS47-05 EBMPAPST-R2E250-AS47-05 Datasheet
72Kb / 2P
AC centrifugal fans
RG125 EBMPAPST-RG125 Datasheet
153Kb / 1P
AC centrifugal fans
RL90 EBMPAPST-RL90 Datasheet
171Kb / 1P
AC centrifugal fans
R2E190RA EBMPAPST-R2E190RA Datasheet
603Kb / 2P
AC centrifugal fans
R2E220RA EBMPAPST-R2E220RA Datasheet
588Kb / 2P
AC centrifugal fans
RL90-1850 EBMPAPST-RL90-1850 Datasheet
122Kb / 1P
AC centrifugal fans
RER160-2856S EBMPAPST-RER160-2856S Datasheet
191Kb / 1P
AC centrifugal fans
RG125-1956 EBMPAPST-RG125-1956_16 Datasheet
113Kb / 1P
AC centrifugal fans
RG125-19 EBMPAPST-RG125-19 Datasheet
113Kb / 1P
AC centrifugal fans
RG160-28 EBMPAPST-RG160-28_16 Datasheet
119Kb / 1P
AC centrifugal fans
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com