Electronic Components Datasheet Search
  English  ▼

X  

RG90-18/56 Datasheet(PDF) 1 Page - ebm-papst

Part # RG90-18/56
Description  AC centrifugal fans
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

RG90-18/56 Datasheet(HTML) 1 Page - ebm-papst

  RG90-18/56 Datasheet HTML 1Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
167
Nominal data
Type
m3/h 10-3 m3/s V DC
Hz
dB(A)
Bel
/
Watts
RPM
°C
Hours
Hours
Type
m3/h
CFM
V
Hz
Bel(A)
/
Watts
RPM
°C
Hours
Hours
RG 90-18/50
54
31,8
230
50
5,8
/
22,0
2 200
-30...+60
35 000 / 20 000
1
RG 90-18/56
54
31,8
230
50
5,8
/
22,0
2 200
-30...+60
35 000 / 20 000
1
RG 90-18/00
47
27,7
115
60
6,2
/
22,0
1 900
-30...+65
35 000 / 20 000
2
RG 90-18/06
47
27,7
115
60
6,2
/
22,0
1 900
-30...+65
35 000 / 20 000
2
SSPP
IP54
IP54
Û
HHPP
max.
54 m3/h
– AC centrifugal fan with external rotor shaded-pole motor. Impedance protected
against overloading.
– Spiral housing and impeller of fibreglass-reinforced plastic.
Housing base of galvanised steel plate.
– Direction of air flow radial, through housing port. Direction of rotation clockwise, seen on
rotor.
– Electrical connection via 2 leads AWG 22. Bared and tin-plated.
– Mass: 560 g.
AC centrifugal fans
Series RG 90
135 x 135 x 38 mm
0
5
10
15
20
25
30
10
20
20
30
40
50
1
2
50 Hz
60 Hz
40
60
100
120
80
m³/h
CFM
Kompaktlüfter__2011__EN__Final__17_01_2011_:Vorlage 18.01.2011 14:22 Seite 167


Similar Part No. - RG90-18/56

ManufacturerPart #DatasheetDescription
logo
ebm-papst
RG90N EBMPAPST-RG90N Datasheet
704Kb / 3P
DC axial fans
RG90N EBMPAPST-RG90N Datasheet
430Kb / 3P
DC axial fans
RG90N EBMPAPST-RG90N Datasheet
505Kb / 3P
DC axial fans
RG90N EBMPAPST-RG90N Datasheet
426Kb / 3P
DC diagonal fans
More results

Similar Description - RG90-18/56

ManufacturerPart #DatasheetDescription
logo
ebm-papst
R2E250-AS47-05 EBMPAPST-R2E250-AS47-05 Datasheet
72Kb / 2P
AC centrifugal fans
RER160 EBMPAPST-RER160 Datasheet
238Kb / 1P
AC centrifugal fans
RG125 EBMPAPST-RG125 Datasheet
153Kb / 1P
AC centrifugal fans
RL90 EBMPAPST-RL90 Datasheet
171Kb / 1P
AC centrifugal fans
R2E190RA EBMPAPST-R2E190RA Datasheet
603Kb / 2P
AC centrifugal fans
R2E220RA EBMPAPST-R2E220RA Datasheet
588Kb / 2P
AC centrifugal fans
RL90-1850 EBMPAPST-RL90-1850 Datasheet
122Kb / 1P
AC centrifugal fans
RER160-2856S EBMPAPST-RER160-2856S Datasheet
191Kb / 1P
AC centrifugal fans
RG125-1956 EBMPAPST-RG125-1956_16 Datasheet
113Kb / 1P
AC centrifugal fans
RG125-19 EBMPAPST-RG125-19 Datasheet
113Kb / 1P
AC centrifugal fans
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com