Electronic Components Datasheet Search
  English  ▼

X  

2CL79 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # 2CL79
Description  5mA 30kV 100nS-HIGH VOLTAGE DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

2CL79 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  2CL79_16 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HV10G14
GETE ELECTRONIC CO.,LTD n E-mail:
Tel: 0086-20-8184 9628
n Fax: 0086-20-8184 9638 n www.hvgtsemi.com
01
GUANGZHOU * CHINA
www.getedz.com
sales@getedz.com
China Tel:
4001 83 84 85
5mA 30kV 100nS-HIGH VOLTAGE DIODES
Features
High speed switching
High surge resisitivity for CRT discharge
High reliability design
Avalanche characteristic
Applications
Maximum Ratings and Characteristics
Absolute Maximum Ratings
High reliability resin molded type high voltage
mesa type silicon chip by epoxy resin.
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
General purpose high voltage rectifier,
Voltage multiplier assembly.
Epoxy resin molded in vacuum,
Have anticorrosion in the surface
diode
in small size package which is sealed a multilayed
Outline Drawings :
Items
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
Ta=25°C,Resistive Load
5.0
125
125
-40 to +125
Units
kV
mA
A
°C
°C
°C
Storage Temperature
Tstg
2CL79
25
Ta=25°C,
Maximum Reverse Recovery Time
Trr
at 25°C;
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR1
IR2
Conditions
at 25°C,VR
at 100°C,V
Units
V
uA
uA
R
1.0
2CL79
50
5.0
2.0
pF
=VRRM
R
=VRRM
100
nS
at 25°C,IF =IF(AV)
I =2mA;
F
I =4mA;
R
I
=1mA;
RR
0.5
2CL79
DO-312 Series
Lead Diameter 0.6mm
12mm
3.0mm
26mm
=0V; f =1MHz
T
Junction Capacitance
Cj
at 25°C; V
Ta=25°C; 8.3 ms; 1/2 Sine(60Hz);


Similar Part No. - 2CL79_16

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL79 GETEDZ-2CL79_17 Datasheet
637Kb / 2P
High Voltage Silicon Rectifier Dio
More results

Similar Description - 2CL79_16

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL82 GETEDZ-2CL82 Datasheet
101Kb / 1P
30kV 5mA HIGH VOLTAGE DIODES
SHV-30 GETEDZ-SHV-30 Datasheet
68Kb / 1P
30kV 5mA HIGH VOLTAGE DIODES
2CL2FP GETEDZ-2CL2FP_16 Datasheet
457Kb / 1P
100mA 30Kv 100nS--High voltage silicon rectifier diode
2CLG30KV2A GETEDZ-2CLG30KV2A Datasheet
468Kb / 1P
2.0A 30kV 100nS--High voltage silicon rectifier stack
2CLG30KV3A GETEDZ-2CLG30KV3A Datasheet
468Kb / 1P
3.0A 30kV 100nS--High voltage silicon rectifier stack
2CL82 GETEDZ-2CL82_16 Datasheet
136Kb / 1P
5mA 30kV 100nS-HIGH VOLTAGE DIODES
HV10G14 GETEDZ-HV10G14_16 Datasheet
136Kb / 1P
5mA 30kV 100nS-HIGH VOLTAGE DIODES
HV10G30 GETEDZ-HV10G30_16 Datasheet
339Kb / 2P
10mA 30kV 100nS-HIGH VOLTAGE DIODE
HV55G30 GETEDZ-HV55G30_16 Datasheet
148Kb / 1P
55mA 30kV 100nS-High Voltage Power Diodes
HV55G30 GETEDZ-HV55G30_17 Datasheet
537Kb / 2P
55mA 30kV 100nS--High voltage silicon rectifier diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com