Electronic Components Datasheet Search
  English  ▼

X  

PCA9517D Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA9517D
Description  Level translating I2C-bus repeater
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9517D Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA9517D Datasheet HTML 3Page - NXP Semiconductors PCA9517D Datasheet HTML 4Page - NXP Semiconductors PCA9517D Datasheet HTML 5Page - NXP Semiconductors PCA9517D Datasheet HTML 6Page - NXP Semiconductors PCA9517D Datasheet HTML 7Page - NXP Semiconductors PCA9517D Datasheet HTML 8Page - NXP Semiconductors PCA9517D Datasheet HTML 9Page - NXP Semiconductors PCA9517D Datasheet HTML 10Page - NXP Semiconductors PCA9517D Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Philips Semiconductors
Product data sheet
PCA9517
Level translating I2C-bus repeater
2004 Oct 05
7
DC ELECTRICAL CHARACTERISTICS
VCC = 2.7 V to 3.3 V; GND = 0 V; Tamb = –40 °C to +85 °C; unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VCCB
DC supply voltage
2.7
—
3.3
V
VCCA
LOW-level DC supply voltage
0.9
—
5.5
V
ICC
Quiescent supply current for VCCA
—
—
1
mA
ICCH
Quiescent supply current,
both channels HIGH
VCC = 3.6 V;
SDAn = SCLn = VCC
—
1.5
5
mA
ICCA
Quiescent supply current,
both channels LOW
VCC = 3.6 V;
one SDA and one SCL = GND, other
SDA and SCL open
—
1.5
5
mA
ICCAc
Quiescent supply current in contention
VCC = 3.6 V;
SDAn = SCLn = GND
—
1.5
5
mA
Input and output SDAB and SCLB
VIH
HIGH-level input voltage
0.7VCCB
—
5.5
V
VIL
LOW-level input voltage (Note 1)
–0.5
—
0.3VCCB
V
VILc
LOW-level input voltage contention
(Note 1)
–0.5
—
0.4
V
VIK
Input clamp voltage
II = –18 mA
—
—
–1.2
V
II
Input leakage current
VI = 3.6 V
—
—
±1
µA
IIL
Input current LOW, SDA, SCL
VI = 0.2 V, SDA, SCL
—
—
10
µA
VOL
LOW-level output voltage
IOL = 100 µA or 6 mA
0.47
0.52
0.6
V
VOL–VILc
LOW-level input voltage below
output low level voltage
Guaranteed by design
—
—
70
mV
IOH
Output HIGH-level leakage current
VO = 3.6 V
—
—
10
µA
CI/O
Input/output capacitance
VI = 3 V or 0 V; VCC = 3.3 V
—
6
7
pF
CI/O
Input/output capacitance
VI = 3 V or 0 V; VCC = 0 V
—
6
7
pF
Input and output SDAA and SCLA
VIH
HIGH-level input voltage
0.7VCCA
—
5.5
V
VIL
LOW-level input voltage (Note 1)
–0.5
—
0.3VCCA
V
VIK
Input clamp voltage
II = –18 mA
—
—
–1.2
V
II
Input leakage current
VI = 3.6 V
—
—
±1
µA
IIL
Input current LOW, SDA, SCL
VI = 0.2 V, SDA, SCL
—
—
10
µA
VOL
LOW-level output voltage
IOL = 6 mA
—
0.1
0.2
V
IOH
Output HIGH-level leakage current
VO = 3.6 V
—
—
10
µA
CI/O
Input/output capacitance
VI = 3 V or 0 V; VCC = 3.3 V
—
6
7
pF
CI/O
Input/output capacitance
VI = 3 V or 0 V; VCC = 0 V
—
6
7
pF
Enable
VIL
LOW-level input voltage
–0.5
—
0.3VCCB
V
VIH
HIGH-level input voltage
0.7VCCB
—
5.5
V
IIL
Input current LOW, EN
VI = 0.2 V, EN; VCC = 3.6 V
—
10
30
µA
ILI
Input leakage current
–1
—
1
µA
CI
Input capacitance
VI = 3.0 V or 0 V
—
6
7
pF
NOTE:
1. VIL specification is for the first LOW level seen by the SDAx/SCLx lines. VILc is for the second and subsequent LOW levels seen by the
SDAx/SCLx lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com