Electronic Components Datasheet Search
  English  ▼

X  

LM2647LQX Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2647LQX
Description  Dual Synchronous Buck Regulator Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2647LQX Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM2647LQX Datasheet HTML 17Page - National Semiconductor (TI) LM2647LQX Datasheet HTML 18Page - National Semiconductor (TI) LM2647LQX Datasheet HTML 19Page - National Semiconductor (TI) LM2647LQX Datasheet HTML 20Page - National Semiconductor (TI) LM2647LQX Datasheet HTML 21Page - National Semiconductor (TI) LM2647LQX Datasheet HTML 22Page - National Semiconductor (TI) LM2647LQX Datasheet HTML 23Page - National Semiconductor (TI) LM2647LQX Datasheet HTML 24Page - National Semiconductor (TI) LM2647LQX Datasheet HTML 25Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Application Information (Continued)
TABLE 1. Losses and Efficiency
Upper
Lower
Pcond (mW)
54
98
Psw (mW)
611
30
PFET (mW)
665
128
P
IC (mW)
28
Pind (mW)
257
Ptotal (mW)
1078
Pout (=VoxIo) (mW)
15000
93%
Vo=5V, Io=3A,Vin=20V, f=300kHz, DCR=26m
Ω, Si4828DY.
Typical efficiency curves for different input voltages are avail-
able under Typical Performance Characteristics.
LAYOUT GUIDELINES
For a deeper understanding of Buck converters and the
‘critical traces’ please see Application Note AN-1229 at http://
power.national.com.
Figure 14 is based on such an understanding of the critical
sections and also the pin functions of the LM2647. Refer to
the Typical Applications circuit and the LM2647 TSSOP pi-
nouts to understand the layout suggestions more thoroughly.
The components shown in Figure 14 are most critical and
must be placed close to the device and connected onto a
ground island on the component side. Several vias can then
connect to the ground plane at the locations indicated. The
FETs are positioned close to the controller and are also very
close to each other to minimize inductances.
After the critical components are placed, the resistor to the
frequency adjust pin (R19) must also be placed close to the
IC connecting to SGND. This will reduce noise pickup and
jitter.
The feedback trace can also pick up noise and it must be
routed away from sources of noise/EMI, particularly the
FETs and inductors.
Enough copper area must be left around the FETs for ther-
mal dissipation. More details on this are also provided in
AN-1229.
Note that the current limit detector circuit compares the
voltage on the ILIM pin with respect to the PGND pin.
Therefore, if the power ground is noisy it can lead to errone-
ous triggering of the current limit detector. This will manifest
itself as an inability to meet the load requirement despite
oversizing the current limit resistor. It can also lead to failure
of the output to recover after encountering an overload con-
dition. Therefore, it is strongly recommended that a solid
ground plane be created as the first internal plane right
below the component side.Several vias should be gener-
ously placed to connect the ground nodes of the component
layer to this ground plane.
SETTING OUTPUT VOLTAGE
From the Typical Application circuit on Page 1, it can be seen
that R15 and R16 are used to set V
O2 whereas R21 and R22
set V
O1. For either channel, calling the upper resistor (con-
nected to one end of the droop resistor) R
U and the lower
resistor (connected to ground) R
L the following equation is
applicable.
Therefore from the Bill of Material:
For channel #1 (V
O1 =5V),
R
U = R21 = 43.2k
R
L = R22 = 5.9k
For channel #1 (V
O2 = 3.3V),
R
U = R15 = 43.2k
R
L = R16 = 9.53k
So
This is as per the requirement of the primary end-application.
Other output voltage values are possible by adjusting the
resistor ratios (but note that there are maximum duty cycle
constraints as stated in Electrical Characteristics table)
which will limit the range of output voltages achievable. Note
that the upper resistor is involved in fixing the gain of the
error amplifier, and therefore its value has been set to an
‘optimum’ value of 43.2k for both channels. This value helps
in achieving good step response and ensuring stability.
Therefore, in general, only the lower resistor should be
adjusted. However the more experienced designer can judi-
ciously use the open-loop gain information provided in the
next section, to change both upper and lower resistor values
if required.
20056343
FIGURE 14. Critical Component placement (TSSOP)
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com