Electronic Components Datasheet Search
  English  ▼

X  

EC2 Datasheet(PDF) 7 Page - NEC

Part # EC2
Description  High Insulation, High breakdown voltage, compact and lightweight, Surface mounting type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EC2 Datasheet(HTML) 7 Page - NEC

Back Button EC2 Datasheet HTML 3Page - NEC EC2 Datasheet HTML 4Page - NEC EC2 Datasheet HTML 5Page - NEC EC2 Datasheet HTML 6Page - NEC EC2 Datasheet HTML 7Page - NEC EC2 Datasheet HTML 8Page - NEC EC2 Datasheet HTML 9Page - NEC EC2 Datasheet HTML 10Page - NEC EC2 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
EC2(ND),EE2(ND) SERIES
7
DATA SHEET ER0327EJ2V0DS00
+40
+30
+20
+10
0
I
II
III
IV
V
VI
–
10
–
20
–
30
–
40
+40
+30
+20
+10
0
I
II
III
IV
V
VI
–
10
–
20
–
30
–
40
2.54
ON
ON
ON
ON
ON
ON
OFF
OFF
ON
OFF
OFF
I
II
III
IV
Layout V
OFF
OFF
OFF
Layout VI
Mounting Layout (mm)
Layout
Layout
Layout
Layout
Sample
Min.
Max.
Min.
Max.
Layout
Layout
MAGNETIC INTERFERENCE
BREAKDOWN VOLTAGE
0.5
1.0
Breakdown voltage (kV)
Breakdown voltage (kV)
Breakdown voltage (kV)
10
5
0
1.5
Sample : EC2-5ND
(a) Between Open Contacts
(n = 10 pcs)
(a) Between Adjacent Contacts
(n = 10 pcs)
(a) Between Coil and Contacts
(n = 25 pcs)
1.5
2.0
10
5
0
2.5
2.0
2.5
10
5
0
3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com