Electronic Components Datasheet Search
  English  ▼

X  

JB04 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # JB04
Description  4.0kV 5mA HIGH VOLTAGE DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

JB04 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  JB04_16 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4.0kV 5mA HIGH VOLTAGE DIODES
Maximum Reverse Recovery Time
Trr
at 25°C
JB04
Features
High speed switching
High Current
High surge resisitivity for CRT discharge
High reliability design
High Voltage
Applications
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Items
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
Ta=25°C,Resistive Load
5.0
120
120
-40 to +120
Units
kV
mA
A peak
°C
°C
°C
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR1
IR2
Conditions
at 25°C,IF
at 25°C,VR
at 100°C,V
Units
V
uA
uA
Junction Capacitance
Cj
at 25°C,VR
Storage Temperature
Tstg
is high reliability resin molded type high voltage
diode in small size package which is sealed a multilayed
mesa type silicon chip by epoxy resin.
Outline Drawings : mm
31 min.
31 min.
4.8
o 2.0
o 0.5
Cathode Mark
Lot No.
GETE ELECTRONICS CO.,LTD
Http://www.getedz.com
E-mail:sales@getedz.com
2015
=0V,f=1MHz
1.0
JB04
JB04
JB04
18
5.0
2.0
0.5
4.0
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
pF
HVGT
=VRRM
R
=VRRM
100
nS
peak
=IF(AV)
DO-205
Mark
JB04
Cathode Mark
Type


Similar Part No. - JB04_16

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
JB04 GETEDZ-JB04 Datasheet
68Kb / 1P
4.0kV 5mA HIGH VOLTAGE DIODES
More results

Similar Description - JB04_16

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
BR4 GETEDZ-BR4 Datasheet
68Kb / 1P
4.0kV 1.0A HIGH VOLTAGE DIODES
BR4F GETEDZ-BR4F Datasheet
68Kb / 1P
4.0kV 0.8A HIGH VOLTAGE DIODES
JB04 GETEDZ-JB04 Datasheet
68Kb / 1P
4.0kV 5mA HIGH VOLTAGE DIODES
JB08 GETEDZ-JB08 Datasheet
68Kb / 1P
8.0kV 5mA HIGH VOLTAGE DIODES
ESJA54-04A GETEDZ-ESJA54-04A Datasheet
68Kb / 1P
4.0kV 5mA HIGH VOLTAGE DIODES
ESJA58-04A GETEDZ-ESJA58-04A Datasheet
68Kb / 1P
4.0kV 5mA HIGH VOLTAGE DIODES
ESJA58-04A GETEDZ-ESJA58-04A_16 Datasheet
68Kb / 1P
4.0kV 5mA HIGH VOLTAGE DIODES
BR04-BR4 GETEDZ-BR04-BR4 Datasheet
71Kb / 1P
4.0kV 1.0A HIGH VOLTAGE DIODES
HV200F04 GETEDZ-HV200F04_17 Datasheet
460Kb / 1P
200mA 4.0kV 100nS-- High Voltage Diodes
2CL2FD GETEDZ-2CL2FD_17 Datasheet
459Kb / 1P
200mA 4.0kV 100nS-- High Voltage Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com