Electronic Components Datasheet Search
  English  ▼

X  

PS104C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PS104C
Description  BUILT-IN SCHMITT TRIGGER CIRCUIT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PS104C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PS104C Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
OPIC
Part No: 80-08-00002
Type: PS104C
Microelectronics Business Division
2003.01
1 / 1
OPTO TECH CORPORATION
Tel:
886-3-5638951
Fax:
886-3-5783696
http://www.opto.com.tw
Since 1983
OPTO TECH
■ FEATURES
— COMPACT
— BUILT-IN SCHMITT TRIGGER CIRCUIT
— HIGH SENSITIVITY (Ee: MAX 1mW/cm2 AT Ta=25℃)
— A WIDE RANGE OF OPERATING SUPPLY VOLTAGES (Vcc: 4.5∼17V)
— LSTTL AND TTL COMPATIBLE OUTPUT
■ APPLICATIONS
— FLOPPY DISK DRIVERS
— COPIERS, PRINTERS, FACSIMILES
— VCRS, CASSETTE DECKS
— AUTOMATIC VENDING MACHINES
■ GENERAL DESCRIPTIONS
The circuit consists of a photodiode, amplified circuit, a decision circuit
(schmidt trigger circuit) and an output buffer circuit. When the light comes,
the circuit will sense the signal and give a corresponding output signal.
PS103C/104C will generate a digital signal off/on corresponding to the incoming
light which is on/off. The output buffer will give a TTL compatible output
signal from the digital signal. With build-in regulator, this circuit has
a wide operation range.
■
CHIP SIZE
PIN 1: GROUND, PIN 2: OUTPUT, PIN 3: Vcc
(UNIT: mm)
1
2
3
1.62
1.25
PIN 1: (-650,-465)um
PIN 2: (399,-388)um
PIN 3: (646,-465)um
CHIP CENTER(0,0)um
PD CENTER(-10,-162)um
PAD SIZE: 110x110um
X
Y
P.D CENTER
0.539
0.537
+
+
CHIP CENTER


Similar Part No. - PS104C

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
PS104 MPSIND-PS104 Datasheet
157Kb / 1P
SHIELDED SMD POWER INDUCTOR
logo
E-SWITCH
PS1040 E-SWITCH-PS1040 Datasheet
55Kb / 1P
PANEL MOUNT PUSH BUTTON SWITCHES
logo
MAKO SEMICONDUCTOR CO.,...
PS1045 MAKOSEMI-PS1045 Datasheet
499Kb / 4P
High current capability, low forward voltage
PS1045L MAKOSEMI-PS1045L Datasheet
499Kb / 4P
High current capability, low forward voltage
logo
Chongqing Pingwei Enter...
PS1045L CHONGQING-PS1045L Datasheet
197Kb / 1P
10.0AMPS. SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - PS104C

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4S584F TOSHIBA-TC4S584F Datasheet
182Kb / 4P
SCHMITT TRIGGER
logo
Rohm
BU4584B ROHM-BU4584B Datasheet
46Kb / 4P
Hex Schmitt trigger
logo
Microsemi Corporation
TSC367 MICROSEMI-TSC367 Datasheet
1Mb / 6P
Schmitt Trigger
logo
Toshiba Semiconductor
TC4S584F TOSHIBA-TC4S584F_01 Datasheet
203Kb / 5P
SCHMITT TRIGGER
TC4S584F TOSHIBA-TC4S584F_08 Datasheet
260Kb / 5P
SCHMITT TRIGGER
logo
KODENSHI_AUK CORP.
PIC0103SL KODENSHI-PIC0103SL Datasheet
99Kb / 2P
Built-in Schumitt Trigger circuit
PIC0903R4SL KODENSHI-PIC0903R4SL Datasheet
102Kb / 2P
Built-in Schumitt Trigger circuit
PIC0903SL KODENSHI-PIC0903SL Datasheet
97Kb / 2P
Built-in Schumitt Trigger circuit
PIC2503SL KODENSHI-PIC2503SL Datasheet
97Kb / 2P
Built-in Schumitt Trigger circuit
PIC4103SL KODENSHI-PIC4103SL Datasheet
97Kb / 2P
Built-in Schumitt Trigger circuit
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com