Electronic Components Datasheet Search
  English  ▼

X  

EC2-5SNP Datasheet(PDF) 7 Page - NEC

Part # EC2-5SNP
Description  COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EC2-5SNP Datasheet(HTML) 7 Page - NEC

  EC2-5SNP Datasheet HTML 1Page - NEC EC2-5SNP Datasheet HTML 2Page - NEC EC2-5SNP Datasheet HTML 3Page - NEC EC2-5SNP Datasheet HTML 4Page - NEC EC2-5SNP Datasheet HTML 5Page - NEC EC2-5SNP Datasheet HTML 6Page - NEC EC2-5SNP Datasheet HTML 7Page - NEC EC2-5SNP Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
DATA SHEET ER0002EJ4V0DS00
EC2 SERIES
PACKAGE
GUIDE TO APPLICATIONS
1. When connecting coils, refer to the pin configuration to prevent misoperation or malfunction.
2. The latch type relay should be initialized at the appointed position (set or reset position) when using, and should
be energized or deenergized to the specified polarity to avoid wrong operations by reversed contact state.
3. Soldering should be done at 250 ˚C within 10 sec.
4. Ultrasonic cleaning is not recommended to keep reliable contact performance. Alcohol based solvents are
available as proper solvents.
5. Minimum contact load of the relay is 10 mV, 10
µA.
This value is a reference value in the resistance load.
Minimum capacity changes depending on swiching frequency and environment temperature and the load.
Rubber stopper (Red)
Rubber stopper (Green)
Index Mark
543 1
(2.4)
+
–
11.9 0.3
+
–
( ) Reference
Dimensions of Relay Tube (Unit : mm)
35 pieces / Tube
Material : Polyvinyl chloride
(auti-static treated)
Outline of Package



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com