Electronic Components Datasheet Search
  English  ▼

X  

RT9241 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # RT9241
Description  Two-Phase DC/DC Controller for CPU Core Power Supply
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9241 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button RT9241 Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9241 Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9241 Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9241 Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9241 Datasheet HTML 9Page - List of Unclassifed Manufacturers RT9241 Datasheet HTML 10Page - List of Unclassifed Manufacturers RT9241 Datasheet HTML 11Page - List of Unclassifed Manufacturers RT9241 Datasheet HTML 12Page - List of Unclassifed Manufacturers RT9241 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Preliminary
RT9241
DS9241-00 November 2001
www.richtek-ic.com.tw
11
Two-Phase Converter and Components Function Grouping
COMP
FB
ADJ
GND
VSEN
DVD
SS
ISN2
ISN1
ISP2
PWM2
PWM1
ISP1
VDD
RT9241
+5V
12V
VID
12V
+VCORE
PWM
PVCC
VCC
BOOT
UGATE
PHASE
LGATE
GND
RT9600
12V
PWM
PVCC
VCC
BOOT
UGATE
PHASE
LGATE
GND
RT9600
Compensation
& Offset
Droop Setting
Driver Power
UVLO
Current Sense
Components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com