Electronic Components Datasheet Search
  English  ▼

X  

BA6506F Datasheet(PDF) 4 Page - Rohm

Part # BA6506F
Description  Two-Phase Half-Wave Pre Driver Fan Motor Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6506F Datasheet(HTML) 4 Page - Rohm

  BA6506F Datasheet HTML 1Page - Rohm BA6506F Datasheet HTML 2Page - Rohm BA6506F Datasheet HTML 3Page - Rohm BA6506F Datasheet HTML 4Page - Rohm BA6506F Datasheet HTML 5Page - Rohm BA6506F Datasheet HTML 6Page - Rohm BA6506F Datasheet HTML 7Page - Rohm BA6506F Datasheet HTML 8Page - Rohm BA6506F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays
4/12
TSZ02201-0H1H0B100490-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
18.DEC.2012 Rev.002
TSZ22111・14・001
BA6506F
www.rohm.com
●Typical performance curves(Reference data)
-20
-10
0
10
20
0
6
12
18
24
30
Supply voltage, Vcc [V]
0
1
2
3
4
5
0
6
12
18
24
30
Supply voltage, Vcc [V]
Fig.3 Circuit current
Fig.4 Hall input hysteresis
Fig.6 Charge-discharge current of
capacitor for lock detection
Fig.5 AL output L voltage
-40℃
100℃
25℃
-40℃
100℃
25℃
100℃
25℃
-40℃
0.0
0.2
0.4
0.6
0.8
1.0
024
68
10
AL current, IAL[mA]
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
0
6
12
18
24
30
Supply voltage, Vcc [V]
100℃
25℃
-40℃
100℃
25℃
-40℃
-40℃
100℃
25℃
Operating range
Operating range
Operating range
ILDD
ILDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com