Electronic Components Datasheet Search
  English  ▼

X  

BD6701F Datasheet(PDF) 7 Page - Rohm

Part # BD6701F
Description  Two-phase Full-wave DC Brushless Fan Motor Drivers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6701F Datasheet(HTML) 7 Page - Rohm

Back Button BD6701F Datasheet HTML 3Page - Rohm BD6701F Datasheet HTML 4Page - Rohm BD6701F Datasheet HTML 5Page - Rohm BD6701F Datasheet HTML 6Page - Rohm BD6701F Datasheet HTML 7Page - Rohm BD6701F Datasheet HTML 8Page - Rohm BD6701F Datasheet HTML 9Page - Rohm BD6701F Datasheet HTML 10Page - Rohm BD6701F Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7/13
BD6701F
Datasheet
Datasheet
TSZ02201-0H1H0B100510-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
18.DEC.2012 Rev.002
TSZ22111・15・001
www.rohm.com
●Application circuit example(Constant values are for reference)
Substrate design note
a) IC power, motor outputs, and motor ground lines are made as fat as possible.
b) IC ground (signal ground) line is common with the application ground except motor ground (i.e. hall ground etc.),
and arranged near to (–) land.
c) The bypass capacitor and/or Zenner diode are arrangement near to Vcc terminal.
d) H+ and H– lines are arranged side by side and made from the hall element to IC as shorter as possible,
because it is easy for the noise to influence the hall lines.
Fig.12 application circuit
Take a measure against Vcc voltage
rise generated by reverse connection
of current and back electromotive
force.
Connect
a
pull-up
resistor
because open collector output
is set.
Set according to the amplitude
of hall element output and hall
input voltage range.
HALL
Control
TSD
REG
HALL
AMP
1
2
3
4
8
7
6
5
-
+
Pre Drive
Lock
Detect
Auto
Restart
OSC
OUT2
AL
FG
Vcc
H+
H-
OUT1
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com