Electronic Components Datasheet Search
  English  ▼

X  

BP359B Datasheet(PDF) 19 Page - Rohm

Part # BP359B
Description  Wireless LAN Module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BP359B Datasheet(HTML) 19 Page - Rohm

Back Button BP359B Datasheet HTML 15Page - Rohm BP359B Datasheet HTML 16Page - Rohm BP359B Datasheet HTML 17Page - Rohm BP359B Datasheet HTML 18Page - Rohm BP359B Datasheet HTML 19Page - Rohm BP359B Datasheet HTML 20Page - Rohm BP359B Datasheet HTML 21Page - Rohm BP359B Datasheet HTML 22Page - Rohm BP359B Datasheet HTML 23Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
アンテナ内蔵 IEEE802.11b/g/n (1x1) BP359B
ハードウェア仕様書
2016/05/23
19/27
PROPRIETARY AND CONFIDENTIAL
Confidential
Confidential
・13.4
リセット IC
GND
3.3V
PRST
VOUT
1
VDD
2
GND
3
NC
4
NC
5
BU4827G
IC
3.3V
GND
GND
3
GND
4
USB_DM
5
USB_DP
6
UART_RXD
13
UART_TXD
14
BOOT_SEL1
15
FLASH_SEL
22
GPIO0
23
GPIO1
24
GPIO2
26
PRST
29
TMS
30
TCK
31
TDI
32
TDO
33
TRSTB
34
BOOT_SEL0
16
UART_RTS
1
UART_CTS
2
SPI_CLK
7
VDD
8
VDD
9
SPI_TXD
10
SPI_RXD
11
SPI_RDY
12
GPIO10
18
GPIO11
19
GPIO12
20
GPIO13
21
GPIO14
27
SRST
28
M_ANA
25
SPI_FS
17
図 9. リセット IC 接続参考回路図
(ローム製)
BP359B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com