Electronic Components Datasheet Search
  English  ▼

X  

SC16C652IB48 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # SC16C652IB48
Description  Dual UART with 32 bytes of transmit and receive FIFOs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C652IB48 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button SC16C652IB48 Datasheet HTML 13Page - NXP Semiconductors SC16C652IB48 Datasheet HTML 14Page - NXP Semiconductors SC16C652IB48 Datasheet HTML 15Page - NXP Semiconductors SC16C652IB48 Datasheet HTML 16Page - NXP Semiconductors SC16C652IB48 Datasheet HTML 17Page - NXP Semiconductors SC16C652IB48 Datasheet HTML 18Page - NXP Semiconductors SC16C652IB48 Datasheet HTML 19Page - NXP Semiconductors SC16C652IB48 Datasheet HTML 20Page - NXP Semiconductors SC16C652IB48 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
Philips Semiconductors
SC16C652
Dual UART with 32 bytes of transmit and receive FIFOs
Product data
Rev. 04 — 20 June 2003
17 of 41
9397 750 11634
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
7.2.2
IER versus Receive/Transmit FIFO polled mode operation
When FCR[0] = logic 1, resetting IER[0-3] enables the SC16C652 in the FIFO polled
mode of operation. In this mode, interrupts are not generated and the user must poll
the LSR register for TX and/or RX data status. Since the receiver and transmitter
have separate bits in the LSR either or both can be used in the polled mode by
selecting respective transmit or receive control bit(s).
• LSR[0] will be a logic 1 as long as there is one byte in the receive FIFO.
• LSR[1-4] will provide the type of receive errors, or a receive break, if encountered.
• LSR[5] will indicate when the transmit FIFO is empty.
• LSR[6] will indicate when both the transmit FIFO and transmit shift register are
empty.
• LSR[7] will show if any FIFO data errors occurred.
7.3 FIFO Control Register (FCR)
This register is used to enable the FIFOs, clear the FIFOs, set the receive FIFO
trigger levels, and select the DMA mode.
7.3.1
DMA mode
Mode 0 (FCR bit 3 = 0): Set and enable the interrupt for each single transmit or
receive operation, and is similar to the 16C450 mode. Transmit Ready (TXRDY) will
go to a logic 0 whenever the FIFO (THR, if FIFO is not enabled) is empty. Receive
Ready (RXRDY) will go to a logic 0 whenever the Receive Holding Register (RHR) is
loaded with a character.
Mode 1 (FCR bit 3 = 1): Set and enable the interrupt in a block mode operation. The
transmit interrupt is set when the transmit FIFO is below the programmed trigger
level. The receive interrupt is set when the receive FIFO fills to the programmed
trigger level. However, the FIFO continues to fill regardless of the programmed level
until the FIFO is full. RXRDY remains a logic 0 as long as the FIFO fill level is above
the programmed trigger level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com