Electronic Components Datasheet Search
  English  ▼

X  

SC14428 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC14428
Description  Baseband Processor for FP & PP DECT and WDCT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC14428 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  SC14428 Datasheet HTML 1Page - National Semiconductor (TI) SC14428 Datasheet HTML 2Page - National Semiconductor (TI) SC14428 Datasheet HTML 3Page - National Semiconductor (TI) SC14428 Datasheet HTML 4Page - National Semiconductor (TI) SC14428 Datasheet HTML 5Page - National Semiconductor (TI) SC14428 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Revision 1.0 (Confidential)
5
5.0 Product Status Definitions
6.0 National Semiconductor B.V reserves the right to make
changes without notice to any products herein to improve
reliability, function or design. National does not assume any
liability arising out of the application or use of any product or
circuit described herein; neither does it convey any license
under its patent rights, nor the right of others.
3.The protection current can be calculated as follows:
In case P1[6]/PON, P1[7]/CHARGE, VBAT3, P2[3]/ADC1 is input,
Iprotxxx_max = (Vext - 2.55)/(500+Rext)
Rext is an external resistor which is needed if the external voltage Vext exceeds the 2.8V.
(A lower protection current value of e.g. 100 uA is recommended in case power saving is important)
In case P1[6]/PON, P1[7]/CHARGE , P2[3]/ADC1 is output, Iprotxxx_max = (VDDIO - 2.55)/(500)
4.For pads with the protection circuit enabled, the protection current must be limited with external
source resistor Rext if the input voltage exceeds 0.4V resp 1.4V. Rext can be calculated as follows:
Rext >(Vext-1.4)/Iprotxxx).
5.Within this temperature range full operation is guaranteed.Upto +70 degrees Celsius analog perfor-
mance is not guaranteed.
Datasheet Status
Product Status
Definition
Advance Information
Formative or in Design
This data sheet contains the design specifications for
product development. Specifications may change in any
manner without notice.
Preliminary
First Production
This data sheet contains preliminary data. Supplementa-
ry data will be published at a later date. National Semi-
conductor Corporation reserves the right to make
changes at any time without notice in order to improve
design and supply the best possible product.
No Identification Noted
Full production
This data sheet contains final specifications. National
Semiconductor Corporation reserves the right to make
changes at any time without notice in order to improve
design and supply the best possible product.
Obsolete
Not in Production
This data sheet contains specifications on a product that
has been discontinued by National Semiconductor Cor-
poration. The datasheet is printed for reference informa-
tion only.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com