Electronic Components Datasheet Search
  English  ▼

X  

LM2662M Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2662M
Description  Switched Capacitor Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2662M Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM2662M Datasheet HTML 2Page - National Semiconductor (TI) LM2662M Datasheet HTML 3Page - National Semiconductor (TI) LM2662M Datasheet HTML 4Page - National Semiconductor (TI) LM2662M Datasheet HTML 5Page - National Semiconductor (TI) LM2662M Datasheet HTML 6Page - National Semiconductor (TI) LM2662M Datasheet HTML 7Page - National Semiconductor (TI) LM2662M Datasheet HTML 8Page - National Semiconductor (TI) LM2662M Datasheet HTML 9Page - National Semiconductor (TI) LM2662M Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Connection Diagrams
Pin Description
Pin
Name
Function
Voltage Inverter
Voltage Doubler
1
FC
Frequency control for internal oscillator:
Same as inverter.
(LM2662)
FC = open, f
OSC = 20 kHz (typ);
FC = V+, f
OSC = 150 kHz (typ);
FC has no effect when OSC pin is driven
externally.
1SD
(LM2663)
Shutdown control pin, tie this pin to the ground
in normal operation.
Same as inverter.
2
CAP+
Connect this pin to the positive terminal of
charge-pump capacitor.
Same as inverter.
3
GND
Power supply ground input.
Power supply positive voltage input.
4
CAP−
Connect this pin to the negative terminal of
charge-pump capacitor.
Same as inverter.
5
OUT
Negative voltage output.
Power supply ground input.
6
LV
Low-voltage operation input. Tie LV to GND
when input voltage is less than 3.5V. Above
3.5V, LV can be connected to GND or left
open. When driving OSC with an external clock,
LV must be connected to GND.
LV must be tied to OUT.
7
OSC
Oscillator control input. OSC is connected to an
internal 15 pF capacitor. An external capacitor
can be connected to slow the oscillator. Also,
an external clock can be used to drive OSC.
Same as inverter except that OSC cannot be
driven by an external clock.
8
V+
Power supply positive voltage input.
Positive voltage output.
Circuit Description
The LM2662/LM2663 contains four large CMOS switches
which are switched in a sequence to invert the input supply
voltage. Energy transfer and storage are provided by exter-
nal capacitors.
Figure 2 illustrates the voltage conversion
scheme. When S
1 and S3 are closed, C1 charges to the sup-
ply voltage V+. During this time interval switches S
2 and S4
are open. In the second time interval, S
1 and S3 are open
and S
2 and S4 are closed, C1 is charging C2. After a number
of cycles, the voltage across C
2 will be pumped to V+. Since
the anode of C
2 is connected to ground, the output at the
cathode of C
2 equals −(V+) assuming no load on C2, no loss
in the switches, and no ESR in the capacitors. In reality, the
charge transfer efficiency depends on the switching fre-
quency, the on-resistance of the switches, and the ESR of
the capacitors.
8-Lead SO (M)
DS100003-20
DS100003-21
Top View
Order Number LM2662M, LM2663M
See NS Package Number M08A
DS100003-22
FIGURE 2. Voltage Inverting Principle
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com