Electronic Components Datasheet Search
  English  ▼

X  

GL600USB-A Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # GL600USB-A
Description  USB MOUSE MICROCONTROLLER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL600USB-A Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button GL600USB-A Datasheet HTML 11Page - List of Unclassifed Manufacturers GL600USB-A Datasheet HTML 12Page - List of Unclassifed Manufacturers GL600USB-A Datasheet HTML 13Page - List of Unclassifed Manufacturers GL600USB-A Datasheet HTML 14Page - List of Unclassifed Manufacturers GL600USB-A Datasheet HTML 15Page - List of Unclassifed Manufacturers GL600USB-A Datasheet HTML 16Page - List of Unclassifed Manufacturers GL600USB-A Datasheet HTML 17Page - List of Unclassifed Manufacturers GL600USB-A Datasheet HTML 18Page - List of Unclassifed Manufacturers GL600USB-A Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
15
06/19/2000
GL600USB/GL600USB-A/GL600USB-B
Revision 1.3
82h
PCL
Program Counter’s low byte
83h
STATUS
Status register
84h
INDAR
Indirect address register
86h
PORT1CON
Port 1 direction control register
87h
PORT2CON
Port 2 direction control register
8Ah
PCHBUF
Write buffer of Program Counter’s bit 10-8
8Bh
INTEN
Interrupt enable register
Table 4 -2 MCU Function Register Summary
INDR (Address 00h/80h)
INDR is not a physical register. Addressing INDR register will cause indirect addressing. Any instruction
using the INDF register actually accesses the register pointed by the INDAR register. The indirect
addressing method only can be used for general purpose registers.
TIMER (Address 01h, Timer register)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
TIMER7
TIMER6
TIMER5
TIMER4
TIMER3
TIMER2
TIMER1
TIMER0
The timer starts to count up after power on reset. The TMROF bit at INTEN register will be set when the
TIMER register overflows from FFh to 00h. If both TMROEN and GIE bits at INTEN register are set, an
interrupt will be generated when TIMER register overflows.
Value on POR: “0 0 0 0 0 0 0 0”
PCL (Address 02h/82h, Program Counter’s low byte)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
PCL7
PCL6
PCL5
PCL4
PCL3
PCL2
PCL1
PCL0
The Program Counter (PC) is 11-bits wide. The low byte comes from the PCL register, which is a readable
and writable register. The high byte is not directly readable or writable and comes from PCHBUF. The
GL600USB has a 4 level deep x 11-bits wide hardware stake. The stake space is not part of either program
or data space and the stack pointer is not readable or writable. The PC is pushed onto the stack when a
CALL instruction is executed or an interrupt causes a branch. The stack is poped in the event of a RETIA,
RETI or a RET instruction execution. PCHBUF is not affected by a push or pop operation.
When write to PCL command executed, all 3 bits of PCHBUF will be loaded to PC because PCL is only a
8 bits register.
Value on POR: “0 0 0 0 0 0 0 0”
Status (Address 03h, Status register)
R/W
R/W
R/W
R/W
BS
ZO
HC
CA
BS: Bank Select. Because only 7 bits (bit 0~bit 6) operand implied by instruction for register address, this
bit is used as address bit 7 when register access.
1: Bank 1 (80h-FFh)
0: Bank 0 (00h-7Fh)
ZO: Zero bit
1: The result of an arithmetic or logic operation is zero
0: The result of an arithmetic or logic operation is not zero
HC: Half Carry/Borrow bit
1: Carry or not borrow from the 4
th low order bit
0: Borrow or not carry from the 4
th low order bit
CA: Carry/Borrow bit
1: Carry or not borrow from the most significant bit
0: Borrow or not carry from the most significant bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com