Electronic Components Datasheet Search
  English  ▼

X  

GL600USB-B Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # GL600USB-B
Description  USB MOUSE MICROCONTROLLER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL600USB-B Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button GL600USB-B Datasheet HTML 8Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 9Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 10Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 11Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 12Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 13Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 14Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 15Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
12
06/19/2000
GL600USB/GL600USB-A/GL600USB-B
Revision 1.3
17h
FFDAT0
Endpoint 0 FIFO port
18h
FFDAT1
Endpoint 1 FIFO port
19h
EP0RXST
Endpoint 0 receiving status register
Table 4 -1 USB Function Register Summary
DEVCTL (Address 10h, Device control register)
R/W
[1]
R/W
R/W
R/W
R/W
R/W
TXSE0
EP0STL
EP1STL
WAKE
WKDIS
PWRDN
TXSE0: Set and clear transmitting SE0 bit
1: Set transmitting SE0
0: Clear transmitting SE0
EP0STL: Endpoint 0 stall bit. This bit will be cleared automatically by hardware when SETUP packet is
received
1: Endpoint 0 will respond with a STALL to a valid transaction except SETUP
0: Endpoint 0 will not respond with a STALL to a valid transaction
EP1STL: Endpoint 1 stall bit
1: Endpoint 1 will respond with a STALL to a valid IN transaction
0: Endpoint 1 will not respond with a STALL to a valid IN transaction
WAKE: Wake-up bit
1: Set this bit to wake up host controller by placing USB bus into K state
0: Clear this bit to force USB bus leave K state
WKDIS: Wake-up disable bit. The WAKE bit has no effect if WKDIS bit is set to 1.
1: Disable remote wake-up capability
0: Enable remote wake-up capability
PWRDN: Power-down mode bit. Writing 1 to this bit will enter power-down mode
If USB suspend is detected, firmware can set this bit to enter power-down mode. In power-down
mode, crystal/resonator will stop. The PWRDN bit will be cleared automatically by hardware and
crystal/resonator will restart when the internal RC timer timeout (about 500ms). Firmware should
check buttons and photo position encoders of the mouse. If mouse status is not changed, Firmware
should set the PWRDN bit to enter power down mode again. Power consumption in suspend mode
depends on how much time the firmware checking mouse status changed. Hardware will also clear
PWRDN bit automatically when USB D+ or D- is toggled.
0: Normal mode, not power-down
Value on POR: “1 - 0 - 0 0 0 0”
[2]
Note 1: “R/W” means readable and writable bit. All reserved fields should not be changed by firmware.
Note 2: “-“ means unimplemented read as 0
EVTFLG (Address 12h, Event flag register)
R/W1C
[1]
R/W1C
R/W1C
R/W1C
R/W1C
RESUME
SUSPD
EP1TX
EP0TX
EP0RX
RESUME: Global resume bit
1: Global resume (USB D+/D- toggle) was detected
0: Global resume was not detected
SUSPD: Global suspend bit
1: Global suspend (USB idle more than 3ms) was detected
0: Global suspend was not detected
EP1TX: Endpoint 1 transmitting status bit
1: Data has been sent from endpoint 1
0: Data has not been sent from endpoint 1
EP0TX: Endpoint 0 transmitting status bit
1: Data has been sent from endpoint 0
0: Data has not been sent from endpoint 0
EP0RX: Endpoint 0 receiving status bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com