Electronic Components Datasheet Search
  English  ▼

X  

BTA06-600 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BTA06-600
Description  isc Triacs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BTA06-600 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BTA06-600 Datasheet HTML 1Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.cn
isc&iscsemi is registered trademark
isc Triacs
BTA06-600
FEATURES
·
With TO-220 insulated package
·
Suitables for AC switching operations, which can be used as an ON/OFF
function in applications such as static relays, heating regulation, induction
motor starting circuits or for phase control in light dimmers, motor speed
controllers etc.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive peak off-state voltage
600
V
VRRM
Repetitive peak reverse voltage
600
V
IT(RMS)
RMS on-state current (full sine wave)Tj=105℃
6
A
ITSM
Non-repetitive peak on-state current tp=20ms
60
A
Tj
Operating junction temperature
125
℃
Tstg
Storage temperature
-45~150
℃
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MAX
UNIT
C
B
IRRM
Repetitive peak reverse current
VR=VRRM,
VR=VRRM, Tj=125℃
0.005
1.0
mA
IDRM
Repetitive peak off-state current
VD=VDRM,
VD=VDRM, Tj=125℃
0.005
1.0
mA
IGT
Gate trigger current
Ⅰ
VD=12V; RL= 33Ω
25
50
mA
Ⅱ
25
50
Ⅲ
25
50
Ⅳ
50
100
IH
Holding current
IGT= 0.5A, Gate Open
25
50
mA
VGT
Gate trigger voltage all quadrant
VD=12V; RL= 33Ω
1.3
V
VTM
On-state voltage
IT= 11A; tp= 380μs
1.55
V


Similar Part No. - BTA06-600

ManufacturerPart #DatasheetDescription
logo
Apollo Electron Co., Lt...
BTA06-600 APOLLOELECTRON-BTA06-600 Datasheet
3Mb / 6P
Standard Triac
logo
List of Unclassifed Man...
BTA06-600 ETC2-BTA06-600 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Inchange Semiconductor ...
BTA06-600A ISC-BTA06-600A Datasheet
116Kb / 1P
With TO-220AB insulated package
logo
STMicroelectronics
BTA06-600B STMICROELECTRONICS-BTA06-600B Datasheet
65Kb / 6P
SNUBBERLESS?? LOGIC LEVEL & STANDARD
Apr-2002
logo
List of Unclassifed Man...
BTA06-600B ETC1-BTA06-600B Datasheet
645Kb / 6P
Bi-Directional Triode Thyristor
More results

Similar Description - BTA06-600

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC225M ISC-TIC225M Datasheet
108Kb / 1P
isc Triacs
BTA10-600 ISC-BTA10-600 Datasheet
210Kb / 1P
isc Triacs
BTA12-600 ISC-BTA12-600 Datasheet
211Kb / 1P
isc Triacs
BTA20-600 ISC-BTA20-600 Datasheet
198Kb / 1P
isc Triacs
BTB04-600 ISC-BTB04-600 Datasheet
211Kb / 1P
isc Triacs
BT136 ISC-BT136 Datasheet
207Kb / 1P
isc Triacs
BTA12 ISC-BTA12 Datasheet
205Kb / 1P
isc Triacs
BTB06 ISC-BTB06 Datasheet
207Kb / 1P
isc Triacs
BTB10-800C ISC-BTB10-800C Datasheet
206Kb / 1P
isc Triacs
MAC218A10FP ISC-MAC218A10FP Datasheet
227Kb / 1P
isc Triacs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com