Electronic Components Datasheet Search
  English  ▼

X  

BTA16-800F Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BTA16-800F
Description  Huangshan Electric Appliance Co.,Ltd
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BTA16-800F Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BTA16-800F Datasheet HTML 1Page - Inchange Semiconductor Company Limited BTA16-800F Datasheet HTML 2Page - Inchange Semiconductor Company Limited BTA16-800F Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.hsdianqi.com
sales hotline:+86 0559-4517491/4527700/4527230
E-mail: hsdianqi@vip.163.com
sales@hsdianqi.com
ADD:NO.449 Xinxing road Qimen County Huangshan China
electrical characteristics
STATIC
CHARACTERISTICS
Symbol
Test Condition
Quadrant
Value
Unit
IGT
VD=12V
RL=33Ω
-
MAX
T
S
C
B
mA
5
10
35
50
VGT
MAX
1.5
V
VGD
VD=VDRM
RL=3.5KΩ
Tj=125℃
MIN
0.2
V
IH
IT=0.5A
MAX
60
mA
IL
IG=1.2IGT
MAX
100
mA
dv/dt
VD=67% VDRM gate open(Tj=125℃)
MIN
1000
V/us
(dv/dt)c
Tj=125℃
MIN
10
V/us
Symbol
Parameter
Value
Unit
VTM
ITM=32A , tp=380µs
Tj=25℃
MAX
1.50
V
VT0
threshold voltage
Tj=125℃
MAX
0.87
V
Rd
Slope resistance
Tj=125℃
MAX
14.6
IDRM
IRRM
VD=VDRM VR=VRRM
Tj=25℃
Tj=125℃
MAX
5
uA
1
mA
Rth(j-c)
Junction to case(DC)
1.3
℃/W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com