Electronic Components Datasheet Search
  English  ▼

X  

LM2671 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2671
Description  SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2671 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM2671 Datasheet HTML 11Page - National Semiconductor (TI) LM2671 Datasheet HTML 12Page - National Semiconductor (TI) LM2671 Datasheet HTML 13Page - National Semiconductor (TI) LM2671 Datasheet HTML 14Page - National Semiconductor (TI) LM2671 Datasheet HTML 15Page - National Semiconductor (TI) LM2671 Datasheet HTML 16Page - National Semiconductor (TI) LM2671 Datasheet HTML 17Page - National Semiconductor (TI) LM2671 Datasheet HTML 18Page - National Semiconductor (TI) LM2671 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
LM2671 Series Buck Regulator Design Procedure (Fixed Output) (Continued)
Output
Voltage
(V)
Inductance
(µH)
Output Capacitor
Surface Mount
Through Hole
Sprague
AVX TPS
Sanyo OS-CON
Sanyo MV-GX
Nichicon
Panasonic
594D Series
Series
SA Series
Series
PL Series
HFQ Series
(µF/V)
(µF/V)
(µF/V)
(µF/V)
(µF/V)
(µF/V)
3.3
22
120/6.3
100/10
100/10
330/35
330/35
330/35
33
120/6.3
100/10
68/10
220/35
220/35
220/35
47
68/10
100/10
68/10
150/35
150/35
150/35
68
120/6.3
100/10
100/10
120/35
120/35
120/35
100
120/6.3
100/10
100/10
120/35
120/35
120/35
150
120/6.3
100/10
100/10
120/35
120/35
120/35
5.0
22
100/16
100/10
100/10
330/35
330/35
330/35
33
68/10
10010
68/10
220/35
220/35
220/35
47
68/10
100/10
68/10
150/35
150/35
150/35
68
100/16
100/10
100/10
120/35
120/35
120/35
100
100/16
100/10
100/10
120/35
120/35
120/35
150
100/16
100/10
100/10
120/35
120/35
120/35
12
22
120/20
(2x) 68/20
68/20
330/35
330/35
330/35
33
68/25
68/20
68/20
220/35
220/35
220/35
47
47/20
68/20
47/20
150/35
150/35
150/35
68
47/20
68/20
47/20
120/35
120/35
120/35
100
47/20
68/20
47/20
120/35
120/35
120/35
150
47/20
68/20
47/20
120/35
120/35
120/35
220
47/20
68/20
47/20
120/35
120/35
120/35
FIGURE 10. Output Capacitor Table
Nichicon Corp.
Phone
(847) 843-7500
FAX
(847) 843-2798
Panasonic
Phone
(714) 373-7857
FAX
(714) 373-7102
AVX Corp.
Phone
(845) 448-9411
FAX
(845) 448-1943
Sprague/Vishay
Phone
(207) 324-4140
FAX
(207) 324-7223
Sanyo Corp.
Phone
(619) 661-6322
FAX
(619) 661-1055
FIGURE 11. Capacitor Manufacturers’ Phone Numbers
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com