Electronic Components Datasheet Search
  English  ▼

X  

RT9182 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9182
Description  DUAL, LOW-NOISE, 200mA LDO REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9182 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9182 Datasheet HTML 2Page - Richtek Technology Corporation RT9182 Datasheet HTML 3Page - Richtek Technology Corporation RT9182 Datasheet HTML 4Page - Richtek Technology Corporation RT9182 Datasheet HTML 5Page - Richtek Technology Corporation RT9182 Datasheet HTML 6Page - Richtek Technology Corporation RT9182 Datasheet HTML 7Page - Richtek Technology Corporation RT9182 Datasheet HTML 8Page - Richtek Technology Corporation RT9182 Datasheet HTML 9Page - Richtek Technology Corporation RT9182 Datasheet HTML 10Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Preliminary
RT9182
DS9182-02 April 2002
www.richtek-ic.com.tw
7
Applications Information
Capacitor Selection and Regulator Stability
Like
any
low-dropout
regulator,
the
external
capacitors used with the RT9182 must be carefully
selected for regulator stability and performance.
Using a capacitor whose value is > 1
µF on the
RT9182 input and the amount of capacitance can be
increased without limit. The input capacitor must be
located a distance of not more than 0.5" from the
input pin of the IC and returned to a clean analog
ground. Any good quality ceramic or tantalum can be
used for this capacitor. The capacitor with larger
value and lower ESR (equivalent series resistance)
provides better PSRR and line-transient response.
The output capacitor must meet both requirements
for minimum amount of capacitance and ESR in all
LDO applications (see Fig.1). The RT9182 is
designed specifically to work with low ESR ceramic
output capacitor in space-saving and performance
consideration. Using a ceramic capacitor whose
value is at least 1
µF with ESR is > 5mΩ on the
RT9182 output ensures stability. The RT9182 still
works well with output capacitor of other types due to
the wide stable ESR range. Output capacitor of larger
capacitance can reduce noise and improve load-
transient response, stability, and PSRR. The output
capacitor should be located not more than 0.5"
from the VOUT pin of the RT9182 and returned to a
clean analog ground.
Note that some ceramic dielectrics exhibit large
capacitance and ESR variation with temperature. It
may be necessary to use 2.2
µF or more to ensure
stability at temperatures below -10°C in this case.
Also, tantalum capacitors, 2.2
µF or more may be
needed to maintain capacitance and ESR in the
stable region for strict application environment.
Tantalum capacitors maybe suffer failure due to
surge current when it is connected to a low-
impedance source of power (like a battery or very
large capacitor). If a tantalum capacitor is used at the
input, it must be guaranteed to have a surge current
rating
sufficient
for
the
application
by
the
manufacture.
Use a 10nF bypass capacitor at BP pin for low output
voltage noise. The capacitor, in conjunction with an
internal resistor, which connects bypass pin and the
band-gap reference, creates a low-pass filter for
noise reduction. Increasing the capacitance will
slightly decrease the output noise, and it is almost
independent of the start-up time. The capacitor
connected to the bypass pin for noise reduction must
have very low leakage. This capacitor leakage
current causes the output voltage to decline by a
proportional amount to the current.
Load-Transient Considerations
The RT9182 load-transient response graphs show
two components of the output response: a DC shift
from the output impedance due to the load current
change, and the transient response. The DC shift is
quite small due to the excellent load regulation of the
IC. Typical output voltage transient spike for a step
change in the load current from 0mA to 50mA is tens
mV, depending on the ESR of the output capacitor.
Increasing
the
output
capacitor’s
value
and
decreasing the ESR attenuates the overshoot.
Fig. 1
COUT = 4.7
µF
COUT = 1
µF
Region of Stable COUT ESR vs. Load Current
Load Current (mA)
0
40
80
120
160
200
100
10
1
0.1
0.01
0.001



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com