Electronic Components Datasheet Search
  English  ▼

X  

RT9701 Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9701
Description  100m POWER DISTRIBUTION SWITCHES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9701 Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9701 Datasheet HTML 2Page - Richtek Technology Corporation RT9701 Datasheet HTML 3Page - Richtek Technology Corporation RT9701 Datasheet HTML 4Page - Richtek Technology Corporation RT9701 Datasheet HTML 5Page - Richtek Technology Corporation RT9701 Datasheet HTML 6Page - Richtek Technology Corporation RT9701 Datasheet HTML 7Page - Richtek Technology Corporation RT9701 Datasheet HTML 8Page - Richtek Technology Corporation RT9701 Datasheet HTML 9Page - Richtek Technology Corporation RT9701 Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
RT9701
www.richtek-ic.com.tw
DS9701-05 October 2001
6
°
Short Circuit Current vs. Temp.
500
600
700
800
900
1000
1100
1200
1300
1400
-40
-20
0
20
40
60
80
100
120
Temperature (
C)
VIN = 5V
°C)
Short Circuit Current vs. Voltage
200
450
700
950
1200
1450
1700
1950
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Voltage (V)
Ta = 25
° C
TA
VIN Voltage (V)
CE Threshold vs. Voltage
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Voltage (V)
Rising
Falling
TA = 25
°C
VIN Voltage (V) *Test Circuit 3
CE Threshold vs. Temp.
0.0
0.4
0.8
1.2
1.6
2.0
2.4
-40
-20
0
20
40
60
80
100
120
Temperature (ºC)
Rising
Falling
VIN = 5V
*Test Circuit 3
Turn On Rising Time vs. Temp.
0
90
180
270
360
450
540
630
720
-40
-20
0
20
40
60
80
100
120
Temperature (
RL = 30
Ω
CL = 1
µ F Ceramic
VIN = 5V
°C)
*Test Circuit 3
Turn Off Falling Time vs. Temp.
0
20
40
60
80
100
120
140
-40
-20
0
20
40
60
80
100
120
Temperature (
°C)
VIN = 5V
RL = 30
Ω
CL = 1
µF Ceramic
*Test Circuit 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com