Electronic Components Datasheet Search
  English  ▼

X  

INA188 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA188
Description  Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA188 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA188 Datasheet HTML 7Page - Texas Instruments INA188 Datasheet HTML 8Page - Texas Instruments INA188 Datasheet HTML 9Page - Texas Instruments INA188 Datasheet HTML 10Page - Texas Instruments INA188 Datasheet HTML 11Page - Texas Instruments INA188 Datasheet HTML 12Page - Texas Instruments INA188 Datasheet HTML 13Page - Texas Instruments INA188 Datasheet HTML 14Page - Texas Instruments INA188 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Frequency (Hz)
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
10
100
1k
10k
100k
D001
G=1
G=10
G=100
G=1000
Temperature (ºC)
-75
-45
-15
15
45
75
105
135
-50
-40
-30
-20
-10
0
10
20
30
40
50
D001
G = 1
G > 1
Frequency (Hz)
-10
-5
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
10
100
1k
10k
100k
1M
10M
D001
G=1
G=10
G=100
G=1000
Frequency (Hz)
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
10
100
1k
10k
100k
D001
G=1
G=10
G=100
G=1000
Frequency (Hz)
-10
10
30
50
70
90
110
130
150
10
100
1k
10k
100k
1M
G = 1
G = 10
G = 100
G = 1000
Frequency (Hz)
-10
10
30
50
70
90
110
130
150
10
100
1k
10k
100k
1M
G = 1
G = 10
G = 100
G = 1000
11
INA188
www.ti.com
SBOS632 – SEPTEMBER 2015
Product Folder Links: INA188
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, VS = ±15 V, RL = 10 kΩ, VREF = midsupply, and G = 1, unless otherwise noted.
At RTI
Figure 13. Positive PSRR vs Frequency
Figure 14. Negative PSRR vs Frequency
At RTI
Figure 15. Gain vs Frequency
At RTI
Figure 16. CMRR vs Frequency
At RTI, 1-k
Ω Source Imbalance
Figure 17. CMRR vs Frequency
Figure 18. Common-Mode Rejection Ratio vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com