Electronic Components Datasheet Search
  English  ▼

X  

2CL70 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # 2CL70
Description  5mA 6kV HIGH VOLTAGE DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

2CL70 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  2CL70_16 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2CL70
Mark
Maximum Reverse Recovery Time
Trr
at 25°C
Features
High speed switching
High Current
High surge resisitivity for CRT discharge
High reliability design
High Voltage
Applications
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Items
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
Ta=25°C,Resistive Load
5.0
125
120
-40 to +125
Units
kV
mA
A peak
°C
°C
°C
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR1
IR2
Conditions
at 25°C,IF
at 25°C,VR
at 100°C,V
Units
V
uA
uA
Junction Capacitance
Cj
at 25°C,VR
Storage Temperature
Tstg
is high reliability resin molded type high voltage
diode in small size package which is sealed a multilayed
mesa type silicon chip by epoxy resin.
Outline Drawings : mm
2CL70
Cathode Mark
27 min.
27 min.
8.0
o 3.0
o 0.5
Cathode Mark
Lot No.
GETE ELECTRONICS CO.,LTD
Http://www.getedz.com
E-mail:sales@getedz.com
2015
=0V,f=1MHz
1.0
2CL70
Type
2CL70
2CL70
20
5.0
2.0
0.5
6.0
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
pF
HVGT
=VRRM
R
=VRRM
100
nS
=IF(AV)
5mA 6kV HIGH VOLTAGE DIODES
DO-308


Similar Part No. - 2CL70_16

ManufacturerPart #DatasheetDescription
logo
SiPower Inc.
2CL703 SIPOWER-2CL703 Datasheet
66Kb / 2P
Fast Recovery High Voltage Diodes
logo
DONGGUAN YOU FENG WEI E...
2CL703 YFWDIODE-2CL703 Datasheet
352Kb / 2P
Fast recovery high voltage diodes
logo
SiPower Inc.
2CL704 SIPOWER-2CL704 Datasheet
66Kb / 2P
Fast Recovery High Voltage Diodes
logo
Shanghai Leiditech Elec...
2CL704 LEIDITECH-2CL704 Datasheet
298Kb / 2P
Plastic Fast Recover High Voltage Rectifier
logo
First Silicon Co., Ltd
2CL704 FS-2CL704 Datasheet
321Kb / 2P
Fast Recover High Voltage Rectifier
More results

Similar Description - 2CL70_16

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL70 GETEDZ-2CL70 Datasheet
69Kb / 1P
5mA 6kV HIGH VOLTAGE DIODES
JB04 GETEDZ-JB04 Datasheet
68Kb / 1P
4.0kV 5mA HIGH VOLTAGE DIODES
JB08 GETEDZ-JB08 Datasheet
68Kb / 1P
8.0kV 5mA HIGH VOLTAGE DIODES
ESJA58-04A GETEDZ-ESJA58-04A Datasheet
68Kb / 1P
4.0kV 5mA HIGH VOLTAGE DIODES
SHV-06 GETEDZ-SHV-06 Datasheet
68Kb / 1P
6kV 5mA HIGH VOLTAGE DIODES
SHV-14 GETEDZ-SHV-14 Datasheet
68Kb / 1P
14kV 5mA HIGH VOLTAGE DIODES
SHV-20 GETEDZ-SHV-20 Datasheet
68Kb / 1P
20kV 5mA HIGH VOLTAGE DIODES
SHV-24 GETEDZ-SHV-24 Datasheet
68Kb / 1P
24kV 5mA HIGH VOLTAGE DIODES
JB04 GETEDZ-JB04_16 Datasheet
71Kb / 1P
4.0kV 5mA HIGH VOLTAGE DIODES
2CL70A GETEDZ-2CL70A Datasheet
71Kb / 1P
5mA 6kV HIGH VOLTAGE DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com