Electronic Components Datasheet Search
  English  ▼

X  

2CL71 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # 2CL71
Description  5mA 8kV HIGH VOLTAGE DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

2CL71 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  2CL71_16 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2CL71
Mark
Maximum Reverse Recovery Time
Trr
at 25°C
Features
High speed switching
High Current
High surge resisitivity for CRT discharge
High reliability design
High Voltage
Applications
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Items
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
Ta=25°C,Resistive Load
5
125
120
-40 to +125
Units
kV
mA
A peak
°C
°C
°C
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR1
IR2
Conditions
at 25°C,IF
at 25°C,VR
at 100°C,V
Units
V
uA
uA
Junction Capacitance
Cj
at 25°C,VR
Storage Temperature
Tstg
is high reliability resin molded type high voltage
diode in small size package which is sealed a multilayed
mesa type silicon chip by epoxy resin.
Outline Drawings : mm
2CL71
Cathode Mark
27 min.
27 min.
8.0
o 3.0
o 0.5
Cathode Mark
Lot No.
GETE ELECTRONICS CO.,LTD
Http://www.getedz.com
E-mail:sales@getedz.com
2014
=0V,f=1MHz
1.0
2CL71
Type
2CL71
2CL71
25
5.0
2.0
0.5
8
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
pF
HVGT
=VRRM
R
=VRRM
100
nS
=IF(AV)
5mA 8kV HIGH VOLTAGE DIODES
DO-308


Similar Part No. - 2CL71_16

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
2CL71A DACHANG-2CL71A Datasheet
117Kb / 2P
Plastic Fast Recover High Voltage Rectifier Reverse Voltage 8KV Forward Current 5mA
logo
Shenzhen Luguang Electr...
2CL71A LUGUANG-2CL71A Datasheet
202Kb / 2P
楹삣닓遙섇럨雅뚧엨嶸↓뇞?③쳵??씈?㎫쉪?곈씊瀯볠엫?딀돥?e램?븝펽??갊?묋꼥?잏㈉?뚧낏?먨칳??쉪弱곮즳鸚뽩숱?
logo
GETAI ELECTRONICS DEVIC...
2CL71A GETEDZ-2CL71A Datasheet
68Kb / 1P
5mA 8kV HIGH VOLTAGE DIODES
logo
American Microsemicondu...
2CL71A AMMSEMI-2CL71A Datasheet
673Kb / 2P
GERMANIUM PNP MESA TRANSISTORS
logo
GETAI ELECTRONICS DEVIC...
2CL71A GETEDZ-2CL71A Datasheet
625Kb / 2P
High Voltage Silicon Rectifier Diode
More results

Similar Description - 2CL71_16

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL71 GETEDZ-2CL71 Datasheet
68Kb / 1P
5mA 8kV HIGH VOLTAGE DIODES
HVP-8 GETEDZ-HVP-8 Datasheet
127Kb / 1P
8kV 750mA HIGH VOLTAGE DIODES
HVRT080 GETEDZ-HVRT080 Datasheet
97Kb / 1P
8kV 30mA HIGH VOLTAGE DIODES
JB04 GETEDZ-JB04 Datasheet
68Kb / 1P
4.0kV 5mA HIGH VOLTAGE DIODES
JB08 GETEDZ-JB08 Datasheet
68Kb / 1P
8.0kV 5mA HIGH VOLTAGE DIODES
ESJA58-04A GETEDZ-ESJA58-04A Datasheet
68Kb / 1P
4.0kV 5mA HIGH VOLTAGE DIODES
SHV-08 GETEDZ-SHV-08 Datasheet
68Kb / 1P
8kV 5mA HIGH VOLTAGE DIODES
2CL71A GETEDZ-2CL71A Datasheet
68Kb / 1P
5mA 8kV HIGH VOLTAGE DIODES
HVRT080 GETEDZ-HVRT080_16 Datasheet
87Kb / 1P
8kV 30mA HIGH VOLTAGE DIODES
HVRT100 GETEDZ-HVRT100_16 Datasheet
90Kb / 1P
8kV 30mA HIGH VOLTAGE DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com