Electronic Components Datasheet Search
  English  ▼

X  

2CL77 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # 2CL77
Description  5mA 20kV HIGH VOLTAGE DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

2CL77 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  2CL77_16 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2CL77
Mark
Maximum Reverse Recovery Time
Trr
at 25°C
Features
High speed switching
High Current
High surge resisitivity for CRT discharge
High reliability design
High Voltage
Applications
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Items
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
Ta=25°C,Resistive Load
5
125
120
-40 to +125
Units
kV
mA
A peak
°C
°C
°C
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR1
IR2
Conditions
at 25°C,IF
at 25°C,VR
at 100°C,V
Units
V
uA
uA
Junction Capacitance
Cj
at 25°C,VR
Storage Temperature
Tstg
is high reliability resin molded type high voltage
diode in small size package which is sealed a multilayed
mesa type silicon chip by epoxy resin.
Outline Drawings : mm
2CL77
Cathode Mark
27 min.
27 min.
12
o 3.0
o 0.6
Cathode Mark
Lot No.
GETE ELECTRONICS CO.,LTD
Http://www.getedz.com
E-mail:sales@getedz.com
2014
=0V,f=1MHz
1.0
2CL77
Type
2CL77
2CL77
45
5.0
2.0
0.5
20
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
pF
HVGT
=VRRM
R
=VRRM
100
nS
=IF(AV)
5mA 20kV HIGH VOLTAGE DIODES
DO-312


Similar Part No. - 2CL77_16

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL77 GETEDZ-2CL77_17 Datasheet
637Kb / 2P
High Voltage Silicon Rectifier Diode
More results

Similar Description - 2CL77_16

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL77 GETEDZ-2CL77 Datasheet
78Kb / 1P
5mA 20kV HIGH VOLTAGE DIODES
ESJA53-20A GETEDZ-ESJA53-20A Datasheet
78Kb / 1P
5mA 20kV HIGH VOLTAGE SILICON RECTIFIER DIODES
HVP-20 GETEDZ-HVP-20 Datasheet
127Kb / 1P
20kV 750mA HIGH VOLTAGE DIODES
HVRT200 GETEDZ-HVRT200 Datasheet
98Kb / 1P
20kV 30mA HIGH VOLTAGE DIODES
G20FP GETEDZ-G20FP Datasheet
68Kb / 1P
20kV 10mA HIGH VOLTAGE DIODES
HC20 GETEDZ-HC20 Datasheet
120Kb / 1P
20kV 0.6A HIGH VOLTAGE DIODES
SHV-20 GETEDZ-SHV-20 Datasheet
68Kb / 1P
20kV 5mA HIGH VOLTAGE DIODES
HV600S20 GETEDZ-HV600S20 Datasheet
68Kb / 1P
400mA 20kV HIGH VOLTAGE DIODES
G20FP GETEDZ-G20FP_16 Datasheet
72Kb / 1P
20kV 10mA HIGH VOLTAGE DIODES
HC20 GETEDZ-HC20_16 Datasheet
161Kb / 1P
20kV 1.0A HIGH VOLTAGE DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com