Electronic Components Datasheet Search
  English  ▼

X  

LT6552IDD Datasheet(PDF) 14 Page - Linear Technology

Part # LT6552IDD
Description  3.3V Single Supply Video Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6552IDD Datasheet(HTML) 14 Page - Linear Technology

Back Button LT6552IDD Datasheet HTML 8Page - Linear Technology LT6552IDD Datasheet HTML 9Page - Linear Technology LT6552IDD Datasheet HTML 10Page - Linear Technology LT6552IDD Datasheet HTML 11Page - Linear Technology LT6552IDD Datasheet HTML 12Page - Linear Technology LT6552IDD Datasheet HTML 13Page - Linear Technology LT6552IDD Datasheet HTML 14Page - Linear Technology LT6552IDD Datasheet HTML 15Page - Linear Technology LT6552IDD Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LT6552
14
6552f
SHDN Pin
The LT6552 includes a shutdown feature that disables the
part, reducing quiescent current and making the output
high impedance. The part can be shutdown by bringing the
SHDN pin within 0.5V of V–. When shutdown the supply
current is typically 400
µA and the output leakage current
DD Package
8-Lead Plastic DFN (3mm
× 3mm)
(Reference LTC DWG # 05-08-1698)
is 0.25
µA (V– ≤ VOUT ≤ V+). In normal operation the SHDN
can be tied to V+ or left floating; if the pin is left uncon-
nected, an internal FET pull-up will keep the LT6552 fully
operational.
APPLICATIO S I FOR ATIO
PACKAGE DESCRIPTIO
3.00
±0.10
(4 SIDES)
NOTE:
1. DRAWING TO BE MADE A JEDEC PACKAGE OUTLINE M0-229 VARIATION OF (WEED-1)
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION
ON TOP AND BOTTOM OF PACKAGE
0.38
± 0.10
BOTTOM VIEW—EXPOSED PAD
1.65
± 0.10
(2 SIDES)
0.75
±0.05
R = 0.115
TYP
2.38
±0.10
(2 SIDES)
1
4
8
5
PIN 1
TOP MARK
(NOTE 6)
0.200 REF
0.00 – 0.05
(DD8) DFN 1203
0.25
± 0.05
2.38
±0.05
(2 SIDES)
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
1.65
±0.05
(2 SIDES)
2.15
±0.05
0.50
BSC
0.675
±0.05
3.5
±0.05
PACKAGE
OUTLINE
0.25
± 0.05
0.50 BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com