Electronic Components Datasheet Search
  English  ▼

X  

PN21 Datasheet(PDF) 1 Page - C&K Components

Part # PN21
Description  Alternate & Momentary Action Pushbutton Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

PN21 Datasheet(HTML) 1 Page - C&K Components

  PN21 Datasheet HTML 1Page - C&K Components PN21 Datasheet HTML 2Page - C&K Components PN21 Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A-81
Specifications and dimensions subject to
change
www.ck-components.com
A
PN Series
Alternate & Momentary Action Pushbutton Switches
Features/Benefits
•
Momentary or locking action
•
Different actuation forces for
customized feel
•
Low cost, reliable contact design
•
Single and double pole options
•
RoHS compliant
Typical Applications
•
Computers and peripherals
•
Instrumentation and
measurement equipment
•
Non-power, on-off
switch applications
Specifications
CONTACT RATING: 0.2 AMP @ 30 V DC max.
ELECTRICAL LIFE: 10,000 make-and-break cycles at full load.
MECHANICAL LIFE: 10,000 on/off cycles.
CONTACT RESISTANCE: 30 m
Ω max. initial
INSULATION RESISTANCE: 100 M
Ω min.
DIELECTRIC STRENGTH: 500 V AC min.
OPERATING/STORAGE TEMPERATURES: –10ºC to 60ºC.
PACKAGING: Switches are supplied in anti-static trays.
Materials
FRAME: Tin plated steel.
ACTUATOR: PA 66 black.
BASE: Phenolic resin.
TERMINALS: Silver plated brass.
MOVABLE CONTACTS: Silver plated phosphor bronze.
RETURN SPRING: SWC
DETENT SPRING: Phosphor bronze.
DETENT SPRING PLATE: Phosphor bronze.
RETURN SPRING RETAINER RING: Nickel plated steel.
TERMINAL SEAL: Epoxy.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. For additional options not
shown in catalog, consult Customer Service Center.
Function
11
SPDT Mom.
12
SPDT Locking
21
DPDT Mom.
22
DPDT Locking
Shorting/ Non-Shorting
NA Non-shorting
SA Shorting
Actuator*
S
2.8 mm square tip
L
3.3 mm x 3.2 mm tip
P N
0
3
Q
E
Actuation Force**
A
50 g Typ
B
100 g Typ
D
180 g Typ
E
250 g Typ
F
100 g Typ
H
250 g Typ
J
350 g Typ
Frame
Contact Material
Terminal Seal
* Note - The switch body style dimenions differ for each of these 3 groupings
“S” actuator available for PN 11 & PN 12 options
“S” actuator available for PN 21 & PN 22 options
“L” actuator available for PN 21 & PN 22 options
** Actuation Force "A" only available with PN11 with "S" actuator
PN 11 & PN 21 available with Acuation Force “B”, “D”, “E”, “F”, “H”, “J”
PN 12 & PN 22 available with Actuation Force “D”, “E”, “H”, “J”
Full travel


Similar Part No. - PN21

ManufacturerPart #DatasheetDescription
logo
ITT Industries
PN21LANA03QE ITT-PN21LANA03QE Datasheet
430Kb / 3P
Alternate & Momentary Action Pushbutton Switches
logo
C&K Components
PN21LANA03QE CK-COMPONENTS-PN21LANA03QE Datasheet
314Kb / 3P
Alternate & Momentary Action Pushbutton Switches
logo
ITT Industries
PN21LASA03QE ITT-PN21LASA03QE Datasheet
430Kb / 3P
Alternate & Momentary Action Pushbutton Switches
logo
C&K Components
PN21LASA03QE CK-COMPONENTS-PN21LASA03QE Datasheet
314Kb / 3P
Alternate & Momentary Action Pushbutton Switches
logo
ITT Industries
PN21LDNA03QE ITT-PN21LDNA03QE Datasheet
430Kb / 3P
Alternate & Momentary Action Pushbutton Switches
More results

Similar Description - PN21

ManufacturerPart #DatasheetDescription
logo
ITT Industries
8060 ITT-8060 Datasheet
1Mb / 10P
Alternate Action and Momentary Pushbutton Switches
E112SD1ABE ITT-E112SD1ABE Datasheet
698Kb / 6P
Sealed Momentary Pushbutton Switches
PN11SBNA03QE ITT-PN11SBNA03QE Datasheet
430Kb / 3P
Alternate & Momentary Action Pushbutton Switches
E010 ITT-E010 Datasheet
386Kb / 6P
Sealed Momentary Pushbutton Switches
logo
C&K Components
8060 CK-COMPONENTS-8060 Datasheet
726Kb / 10P
Alternate Action and Momentary Pushbutton Switches
PN11SBNA03QE CK-COMPONENTS-PN11SBNA03QE Datasheet
314Kb / 3P
Alternate & Momentary Action Pushbutton Switches
logo
List of Unclassifed Man...
PS1-100Q ETC2-PS1-100Q Datasheet
720Kb / 11P
Sensitive Snap-Action Pushbutton Switches ??Solder and P.C. Terminals (Momentary Action)
7199K102 ETC2-7199K102 Datasheet
169Kb / 1P
General Purpose Alternate and Momentary Pushbutton Switches - Ac/Dc Rated
logo
C&K Components
8060 CK-COMPONENTS-8060_V01 Datasheet
1Mb / 10P
Alternate Action and Momentary Pushbutton Switches
2018
PN CK-COMPONENTS-PN Datasheet
560Kb / 3P
Alternate & Momentary Action Pushbutton Switches
2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com