Electronic Components Datasheet Search
  English  ▼

X  

TPS65011RGZ Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS65011RGZ
Description  POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65011RGZ Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS65011RGZ Datasheet HTML 2Page - Texas Instruments TPS65011RGZ Datasheet HTML 3Page - Texas Instruments TPS65011RGZ Datasheet HTML 4Page - Texas Instruments TPS65011RGZ Datasheet HTML 5Page - Texas Instruments TPS65011RGZ Datasheet HTML 6Page - Texas Instruments TPS65011RGZ Datasheet HTML 7Page - Texas Instruments TPS65011RGZ Datasheet HTML 8Page - Texas Instruments TPS65011RGZ Datasheet HTML 9Page - Texas Instruments TPS65011RGZ Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
www.ti.com
(1)
I
O(AC) +
KSET
V
(SET)
R
(ISET)
(2)
I
(PRECHG) +
KSET
V
(SET_PRECHG)
R
(ISET)
(3)
I
(TAPER) +
KSET
V
(SET_TAPER)
R
(ISET)
ELECTRICAL CHARACTERISTICS
TPS65011
SLVS501 – FEBRUARY 2004
Battery Charger, V
O(REG) + V(DO-MAX)≤ V(CHG) = V(AC) or V(USB), I(TERM) <IO≤ 1 A, 0°C < TA< 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(AC)
Input voltage range
4.5
5.5
V
V(USB)
Input voltage range
4.35
5.25
V
ICC(VCHG)
Supply current
V(CHG) > V(CHG)min
1.2
2
mA
Sum of currents into VBAT pin,
ICC(SLP)
Sleep current
V(CHG) < V(SLP-ENTRY),
2
5
µA
0
°C≤ T
J ≤ 85°C
Current into USB pin
40
ICC(STBY)
Standby current
µA
Current into AC pin
200
400
VOLTAGE REGULATOR
VO
Output voltage
V(CHG)min ≥ 4.5 V
4.15
4.20
4.25
V
VO(REG) + V(DO-MAX) ≤ V(CHG),
Dropout voltage (V(AC) - VBAT)
500
800
IO(OUT) = 1 A
VO(REG) + V(DO-MAX)≤ V(CHG),
VDO
Dropout voltage (V(USB) - VBAT)
300
500
mV
IO(OUT) = 0.5 A
VO(REG) + V(DO-MAX) ≤ V(CHG),
Dropout voltage (V(USB) - VBAT)
100
150
IO(OUT) = 0.1 A
CURRENT REGULATION
VCHG ≥ 4.5V, VI(OUT) > V(LOWV),
IO(AC)
Output current range for ac operation(1)
100
1000
mA
V(AC) - VI(BAT)> V(DO-MAX)
Output current set voltage for ac operation at
ISET pin. 100% output current I2C register
2.45
2.50
2.55
CHGCONFIG<4:3> = 11
75% output current I2C register
1.83
1.91
1.99
Vmin ≥ 4.5V, VI(BAT) > V(LOWV), V(AC) -
CHGCONFIG<4:3> = 10
V(SET)
V
VI(BAT) > V(DO-MAX)
50% output current I2C register
1.23
1.31
1.39
CHGCONFIG<4:3> = 01
32% output current I2C register
0.76
0.81
0.86
CHGCONFIG<4:3> = 00
100 mA < IO < 1000 mA
310
330
350
KSET
Output current set factor for ac operation
10 mA < IO < 100 mA
300
340
380
V(CHG)min ≥ 4.35 V, VI(BAT) > V(LOWV),
V(USB) - VI(BAT)> V(DO-MAX),
80
100
I2C register CHGCONFIG<2> = 0
IO(USB)
Output current range for USB operation
mA
V(CHG)min ≥ 4.5 V, VI(BAT) > V(LOWV),
VUSB - VI(BAT) > V(DO-MAX),
400
500
I2C register CHGCONFIG<2> = 1
R(ISET)
Resistor range at ISET pin
825
8250
Ω
PRECHARGE CURRENT REGULATION, SHORT-CIRCUIT CURRENT, AND BATTERY DETECTION CURRENT
Precharge to fast-charge transition threshold,
V(LOWV)
V(CHG)min ≥ 4.5V
2.8
3.0
3.2
V
voltage on VBAT pin.
V(CHG)min ≥ 4.5 V, VI(OUT) decreasing
De-glitch time
below threshold; 100-ns fall time,
8.8
23
60
ms
10-mV overdrive
I(PRECHG)
Precharge current (2)
0
≤ V
I(OUT) < V(LOWV), t < t(PRECHG)
10
100
mA
I(DETECT)
Battery detection current
200
µA
V(SET-PRECHG)
Voltage at ISET pin
0
≤ V
I(OUT) < V(LOWV), t < t(PRECHG)
240
255
270
mV
CHARGE TAPER AND TERMINATION DETECTION
I(TAPER)
Taper current detect range (3)
VI(OUT) > V(RCH), t < t(TAPER)
10
100
mA
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com