Electronic Components Datasheet Search
  English  ▼

X  

83C694D Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # 83C694D
Description  TWISTED PAIR INTERFACE AND MACHESTER ENCODER/DECODER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

83C694D Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button 83C694D Datasheet HTML 9Page - List of Unclassifed Manufacturers 83C694D Datasheet HTML 10Page - List of Unclassifed Manufacturers 83C694D Datasheet HTML 11Page - List of Unclassifed Manufacturers 83C694D Datasheet HTML 12Page - List of Unclassifed Manufacturers 83C694D Datasheet HTML 13Page - List of Unclassifed Manufacturers 83C694D Datasheet HTML 14Page - List of Unclassifed Manufacturers 83C694D Datasheet HTML 15Page - List of Unclassifed Manufacturers 83C694D Datasheet HTML 16Page - List of Unclassifed Manufacturers 83C694D Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
PIN
NUMBER
MNEMONIC
SIGNAL NAME
I/O
DESCRIPTION
1
COL
Collision Detect
O
A 10 MHz (+25%,-15%) signal at the CD
inputs (DTE mode) produces a logic high at
the COL output. When no signal is present at
the CD inputs, the COL output goes low. In
10BaseT operation, the COL output goes high
when TPR+ and TPR- are active while a
packet is being transmitted on TPX+/TPX-.
COL also goes high during SQE test or jabber
condition.
2
NC
No Connect
I
Do not connect any circuitry to this pin.
3
RXD
Receive Data
O
This is the NRZ data output from the on-chip
decoder and phase-locked loop. This signal
should be sampled by the controller at the
rising edge of receive clock. A high level is
binary "one", a low level is binary "zero".
4
CRS
Carrier Sense
O
CRS (DTE mode) goes high when valid data
i s presen t at the R X+/R X- i np uts or
TPR+/TPR- inputs. It goes low after the last
bit is received at the inputs.
5
RES
Reset/Synch
I
When RES is low, all internal nodes are set to
a known state except for internal clock distri-
bution.
This improves testing procedures.
Normal operation is enabled on the rising
edge of RES and while RES is high. The RES
pin includes an internal pull up resistor, so it
may be left open if unused.
6
RXC
Receive Clock
O
When the phase-locked loop acquires a valid
receive signal, a 10MHz clock signal (recov-
ered from receive data) is output on RXC.
RXC is low during idle (5 bit times after re-
ceive activity stops).
7
SEL
Mode Select
I
When SEL is high, TX+ and TX- outputs are
at the same voltage in idle state, providing a
"zero" differential. When SEL is low, TX+ is
positive with respect to TX- in idle state. Also,
three test modes may be selected by setting
the SEL pin to voltages between low and high
levels. Refer to section 2.13 for more on test
modes.
TABLE 3-1. PIN DESCRIPTION
83C694D
PIN DESCRIPTION
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com