Electronic Components Datasheet Search
  English  ▼

X  

LM2678 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2678
Description  SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2678 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button LM2678 Datasheet HTML 18Page - National Semiconductor (TI) LM2678 Datasheet HTML 19Page - National Semiconductor (TI) LM2678 Datasheet HTML 20Page - National Semiconductor (TI) LM2678 Datasheet HTML 21Page - National Semiconductor (TI) LM2678 Datasheet HTML 22Page - National Semiconductor (TI) LM2678 Datasheet HTML 23Page - National Semiconductor (TI) LM2678 Datasheet HTML 24Page - National Semiconductor (TI) LM2678 Datasheet HTML 25Page - National Semiconductor (TI) LM2678 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
Capacitor Selection Guides (Continued)
TABLE 5. Schottky Diode Selection Table
Reverse
Voltage
(V)
Surface Mount
Through Hole
3A
5A or More
3A
5A or
More
20V
SK32
1N5820
SR302
30V
SK33
MBRD835L
1N5821
30WQ03F
31DQ03
40V
SK34
MBRD1545CT
1N5822
1N5825
30BQ040
6TQ045S
MBR340
MBR745
30WQ04F
31DQ04
80SQ045
MBRS340
SR403
6TQ045
MBRD340
50V or
More
SK35
MBR350
30WQ05F
31DQ05
SR305
Diode Manufacturer Contact Numbers
International Rectifier
Phone
(310) 322-3331
FAX
(310) 322-3332
Motorola
Phone
(800) 521-6274
FAX
(602) 244-6609
General
Semiconductor
Phone
(516) 847-3000
FAX
(516) 847-3236
Diodes, Inc.
Phone
(805) 446-4800
FAX
(805) 446-4850
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com