Electronic Components Datasheet Search
  English  ▼

X  

ADSP2186 Datasheet(PDF) 16 Page - Analog Devices

Part # ADSP2186
Description  DSP Microcomputer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP2186 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADSP2186 Datasheet HTML 12Page - Analog Devices ADSP2186 Datasheet HTML 13Page - Analog Devices ADSP2186 Datasheet HTML 14Page - Analog Devices ADSP2186 Datasheet HTML 15Page - Analog Devices ADSP2186 Datasheet HTML 16Page - Analog Devices ADSP2186 Datasheet HTML 17Page - Analog Devices ADSP2186 Datasheet HTML 18Page - Analog Devices ADSP2186 Datasheet HTML 19Page - Analog Devices ADSP2186 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
ADSP-2186
–16–
REV. 0
CAPACITIVE LOADING
Figures 9 and 10 show the capacitive loading characteristics of
the ADSP-2186.
CL – pF
30
300
0
50
100
150
200
250
25
15
10
5
0
20
T = +85
°C
VDD = 4.5V
Figure 9. Typical Output Rise Time vs. Load Capacitance,
CL (at Maximum Ambient Operating Temperature)
CL – pF
14
0
50
100
150
250
200
12
4
2
–2
10
8
NOMINAL
16
18
6
–4
–6
Figure 10. Typical Output Valid Delay or Hold vs. Load
Capacitance, CL (at Maximum Ambient Operating
Temperature)
TEST CONDITIONS
Output Disable Time
Output pins are considered to be disabled when they have
stopped driving and started a transition from the measured
output high or low voltage to a high impedance state. The out-
put disable time (tDIS) is the difference of tMEASURED and tDECAY,
as shown in the Output Enable/Disable diagram. The time is the
interval from when a reference signal reaches a high or low
voltage level to when the output voltages have changed by 0.5 V
from the measured output high or low voltage. The decay time,
tDECAY, is dependent on the capacitive load, CL, and the current
load, iL, on the output pin. It can be approximated by the fol-
lowing equation:
tDECAY =
CL × 0.5V
iL
from which
tDIS = tMEASURED – tDECAY
is calculated. If multiple pins (such as the data bus) are dis-
abled, the measurement value is that of the last pin to stop
driving.
1.5V
2.0V
1.5V
0.8V
INPUT
OUTPUT
Figure 11. Voltage Reference Levels for AC Measure-
ments (Except Output Enable/Disable)
Output Enable Time
Output pins are considered to be enabled when that have made
a transition from a high-impedance state to when they start
driving. The output enable time (tENA) is the interval from when
a reference signal reaches a high or low voltage level to when the
output has reached a specified high or low trip point, as shown
in the Output Enable/Disable diagram. If multiple pins (such as
the data bus) are enabled, the measurement value is that of the
first pin to start driving.
2.0V
1.0V
tENA
REFERENCE
SIGNAL
OUTPUT
tDECAY
VOH
(MEASURED)
OUTPUT STOPS
DRIVING
OUTPUT STARTS
DRIVING
tDIS
tMEASURED
VOL
(MEASURED)
VOH (MEASURED) – 0.5V
VOL (MEASURED) +0.5V
HIGH-IMPEDANCE STATE. TEST CONDITIONS CAUSE
THIS VOLTAGE LEVEL TO BE APPROXIMATELY 1.5V.
VOH
(MEASURED)
VOL
(MEASURED)
Figure 12. Output Enable/Disable
TO
OUTPUT
PIN
50pF
+1.5V
IOH
IOL
Figure 13. Equivalent Device Loading for AC Measure-
ments (Including All Fixtures)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com