Electronic Components Datasheet Search
  English  ▼

X  

BCF040T Datasheet(PDF) 1 Page - BeRex Corporation

Part # BCF040T
Description  HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BCF040T Datasheet(HTML) 1 Page - BeRex Corporation

  BCF040T Datasheet HTML 1Page - BeRex Corporation BCF040T Datasheet HTML 2Page - BeRex Corporation BCF040T Datasheet HTML 3Page - BeRex Corporation BCF040T Datasheet HTML 4Page - BeRex Corporation BCF040T Datasheet HTML 5Page - BeRex Corporation BCF040T Datasheet HTML 6Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BCF040T
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP (.3 µm x 400 µm)
The BeRex BCF040T is a GaAs Power MESFET whose nominal 0.3 micron gate length and 400 micron gate
width make the product ideally suited to applications requiring high OIP3 linearity and low phase noise
while providing high-gain and medium power from DC to 26.5 GHz. This product is well suited for either
wideband or narrow-band applications. The BCF040T is produced using state of the art metallization and
devices from each wafer are screened to insure reliability. These chips utilize SI3N4 passivation for
increased reliability.
Product Features
•
23.0 dBm Typical Output Power
•
13 dB Typical Power Gain @ 12 GHz
•
Low Phase Noise
•
0.3 X 400 Micron Recessed Gate
Applications
•
Commercial
•
Military / Hi-Rel
•
Test & Measurement
DC CHARACTERISTIC (Ta = 25° C)
PARAMETER/TEST CONDITIONS
MINIMUM
TYPICAL
MAXIMUM
UNIT
Idss
Saturated Drain Current (Vgs = 0V, Vds = 2V)
80
120
160
mA
Gm
Transconductance (Vds = 3V, Vgs = 50% Idss)
50
70
mS
Vp
Pinch-off Voltage (Ids = 300 µA, Vds = 3V)
-3.5
-2.0
-0.5
V
BVgd Drain Breakdown Voltage (Ig = 0.2 mA, source open)
-15
-11
V
BVgs Source Breakdown Voltage (Ig = 0.2 mA, drain open)
-10
-7
V
Rth
Thermal Resistance (Au-Sn Eutectic Attach)
100
° C/W
www.berex.com
BeRex, Inc. 3350 Scott Blvd. #61-01 Santa Clara, CA 95054 tel. (408) 452-5595
January 2015
Specifications are subject to change without notice. ©BeRex 2015
Rev. 1.3


Similar Part No. - BCF040T

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BCF040T BEREX-BCF040T Datasheet
377Kb / 6P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCF040T BEREX-BCF040T_18 Datasheet
377Kb / 6P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
More results

Similar Description - BCF040T

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BCP020T BEREX-BCP020T Datasheet
624Kb / 5P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP030T BEREX-BCP030T Datasheet
622Kb / 5P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP120C BEREX-BCP120C Datasheet
371Kb / 4P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP060C BEREX-BCP060C Datasheet
326Kb / 4P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP030C BEREX-BCP030C Datasheet
318Kb / 4P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP020T BEREX-BCP020T_15 Datasheet
436Kb / 5P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCF080T BEREX-BCF080T_18 Datasheet
382Kb / 6P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCF120T BEREX-BCF120T_18 Datasheet
430Kb / 6P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP060C BEREX-BCP060C_18 Datasheet
336Kb / 4P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP080C BEREX-BCP080C_18 Datasheet
337Kb / 4P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com