Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 1 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH Payload Extractor/Aligner for 622 Mbit/s Interfaces
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 1 Page - PMC-Sierra, Inc

  PM5313 Datasheet HTML 1Page - PMC-Sierra, Inc PM5313 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PMC-1981271 (R4)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC. AND FOR IT’S CUSTOMERS’ INTERNAL USE
 2001 PMC-Sierra, Inc.
PM5313
PMC-Sierra,Inc.
SONET/SDH Payload Extractor/Aligner for 622 Mbit/s Interfaces
SPECTRA-622
FEATURES
The SPECTRA-622 chip offers the
following features:
• Monolithic SONET/SDH
Payload-Extractor/Aligner for use in
STS-12 (STM-4/AU3 or STM-4/AU4) or
STM-12c (STM-4/AU4-4c) interface
applications that operate at serial
interface speeds up to 622.08 Mbit/s.
• Provides integrated clock recovery and
clock synthesis to allow a direct interface
to optical modules.
• Complies with Bellcore GR-253-CORE
jitter tolerance and intrinsic jitter criteria.
• Provides control circuitry required to
comply with WAN clocking requirements
for wander, holdover, and long term
stability.
• Provides termination for SONET Section
and Line, and SDH Regenerator Section
and Multiplexer Section
transport-overhead. Also provides
termination for Path overhead of twelve
STS-1 (STM-0/AU3) paths, four STS-3/
3c (STM-1/AU3/AU4) paths, or a single
STS-12c (STM-4/AU4-4c) path.
• Maps twelve STS-1 (STM-0/AU3)
payloads, four STS-3/3c (STM-1/AU3/
AU4) payloads, or a single STS-12c
(STM-4/AU4-4c) payload to system
timing references. This accommodates
plesiochronous timing offsets between
the references.
• Maps twelve DS3 bit-streams into an
STS-12 (STM-4/AU3) frame.
• Configurable on an STS-1 basis to
support a mix of traffic from the DS-3 and
Telecom interfaces.
• Provides a Time-Slot Interchange (TSI)
function on the Telecom Add and Drop
buses for grooming twelve STS-1
(STM-0/AU3) paths or four STS-3/3c
(STM-1/AU3/AU4) paths.
• Supports line loopback and diagnostic
loopback.
• Supports OC-48 (STM-16) applications
with byte interfaces for connection to
an OC-48 front-end device.
• Supports diagnostic 223-1
pseudo-random bit-sequence (PRBS)
generation and monitoring.
• Provides a standard JTAG test-port for
boundary scan board-test purposes.
• Provides a generic 8-bit
microprocessor bus-interface.
• Low-power 3.3V CMOS with TTL
compatible inputs and CMOS/TTL
digital outputs. PECL inputs and
outputs are 3.3V and 5V compatible.
• Available in a 520-pin SBGA package.
• Supports industrial temperature-range
(-40°C to 85°C) operation.
Drop Bus PRBS
Generator/
Monitor
Rx Telecom
Aligner
Rx Path O/H
Processor
DS3 Mapper
Add Side
Tx Transport O/H
Controller
DS3 Mapper
Drop Side
Receive Path Processing Slice x12
Serial
Control Port
Microprocessor Interface
JTAG Test
Access Port
Rx Transport O/H
Controller
Path Trace Buffer
Tx Path O/H
Processor
Transmit Path Processing Slice x12
Rx Ring
Control Port
Tx Ring
Control Port
TDP
RRCLK+/-
RXD+/-
REFCLK+/-
PECLV
TD[7:0]
TFPI
TPL
TC1J1V1/TFPO
TDCK
TDREF/ TDREF1
TXD+/-
SD
C0, C1
PICLK
PIN[7:0]
FPIN
OOF
ATP[1:0]
PREFEN
PECLREF
DS3TICLK [12:1]
AC1J1V1[4:1]/
AFP[4:1]
APL[4:1]
AD[31:0]
ADP[4:1]
DCK
DC1J1V1[4:1]
DPL[4:1]
DD[31:0]
DDP[4:1]
DFP
DS3TDAT [12:1]
DS3RDAT [12:1]
DS3ROCLK [12:1]
DS3RICLK
ACK
TCLK/PGMTCLK
/TFP
RCLK/PGMRCLK
/RFP
DPAIS
DMODE[1:0]
DPAISFP
DPAISCK
TPAIS
TPAISFP
TPAISCK
BLOCK
DIAGRAM


Similar Part No. - PM5313

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5313 PMC-PM5313 Datasheet
126Kb / 4P
SONET/SDH Payload Extractor/Aligner for 622 Mbit/s Interfaces
PM5313 PMC-PM5313 Datasheet
3Mb / 646P
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PM5313-BI PMC-PM5313-BI Datasheet
3Mb / 646P
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
More results

Similar Description - PM5313

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5313 PMC-PM5313 Datasheet
126Kb / 4P
SONET/SDH Payload Extractor/Aligner for 622 Mbit/s Interfaces
PM5313 PMC-PM5313 Datasheet
3Mb / 646P
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PM5315 PMC-PM5315 Datasheet
57Kb / 2P
SONET/SDH Payload Extractor/Aligner for 2488 Mbit/s
PM5316 PMC-PM5316 Datasheet
2Mb / 491P
SONET/SDH Payload Extractor/Aligner(4 x 155 Mbit/s)
PM5317 PMC-PM5317 Datasheet
82Kb / 2P
SONET/SDH Payload Extractor/Aligner for 9953 Mbit/s
PM5342 PMC-PM5342 Datasheet
60Kb / 4P
SONET/SDH Payload Extractor/Aligner
PM5342 PMC-PM5342 Datasheet
3Mb / 558P
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER
PM5363 PMC-PM5363 Datasheet
3Mb / 2P
SONET/SDH TRIBUTARY UNIT PAYLOAD PROCESSOR FOR 622 MBIT/S INTERFACES
PM5319 PMC-PM5319 Datasheet
46Kb / 2P
SONET/SDH Interface for 622 & 155 Mbit/s
PM5342-1 PMC-PM5342-1 Datasheet
59Kb / 2P
SONET/SDH Payload Extractor/Aligner
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com