Electronic Components Datasheet Search
  English  ▼

X  

AN321 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AN321
Description  AND / NOR circuit providing the logical function
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AN321 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AN321 Datasheet HTML 1Page - List of Unclassifed Manufacturers AN321 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Characteristics
Symbol
SL = 0.1
SL = 2.0
L = 0.1
L = 0.7
L = 1.0
L = 0.1
L = 0.7
L = 1.0
Output Slope C to Q
op_slcr
1.43
5.86
7.95
1.52
5.75
7.97
op_slcf
1.31
3.97
5.18
1.57
4.06
5.32
Output Slope D to Q
op_sldr
1.62
5.82
7.81
1.77
5.87
7.86
op_sldf
1.11
3.75
5.03
1.30
3.75
5.10
Output Slope E to Q
op_sler
1.56
5.77
8.07
1.73
5.80
8.02
op_slef
1.08
3.73
5.03
1.46
3.86
5.10
Output Slope F to Q
op_slfr
1.58
5.85
7.98
1.85
5.83
7.85
op_slff
1.02
3.90
5.40
1.32
4.00
5.47
Sept. 1996
- 15 -
Rev. N/C
Austria Mikro S ysteme International
R
0.6 µm CMOS
CUB
AN321



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com