Electronic Components Datasheet Search
  English  ▼

X  

D115L Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # D115L
Description  1.0AMP SURFACE MOUNT LOW VF SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

D115L Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  D115L Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. D115L Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.1
0.3
0.5
0.7
0.9
1.1
FIG. 3-MAXIMUM NON-REPETITIVE PEAK FORWARD
FIG. 2-TYPICAL INSTANTANEOUS FORWARD
2 of 2
0.8
0.6
0.4
0.2
0
0
25
50
75
100
125
150
175
CHARACTERISTICS
SURGE CURRENT
FIG. 1- FORWARD CURRENT DERATING CURVE
Single Phase
Half Wave 60Hz
Resistive or
inductive Load
0
20
40
60
80
100
100
10
1
0.1
0.01
0.001
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
30
25
20
15
10
5.0
0
1
10
100
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
0.01
0.1
1
20
10
T =25 C
PULSE WIDTH=300
µs
1%DUTY CYCLE
D16L
D14L
D115L-D120L
o
FORWARD VOLTAGE (V)
1.0
NUMBER OF CYCLES AT 60 Hz
PERCENT OF RATED PEAK REVERSE VOLYAGE(%)
D18L-D110L
A
TA=100 C
TA=75 C
T =25 C
A
version:01
D14 L THRU D120L
www.dyelec.com
V , INSTANTANEOUS
F
, AMBIENT TEMPERATURE( C)
A
T



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com