Electronic Components Datasheet Search
  English  ▼

X  

IRF1407LPbF Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # IRF1407LPbF
Description  HEXFET짰 Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRF1407LPbF Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button IRF1407LPbF Datasheet HTML 4Page - Infineon Technologies AG IRF1407LPbF Datasheet HTML 5Page - Infineon Technologies AG IRF1407LPbF Datasheet HTML 6Page - Infineon Technologies AG IRF1407LPbF Datasheet HTML 7Page - Infineon Technologies AG IRF1407LPbF Datasheet HTML 8Page - Infineon Technologies AG IRF1407LPbF Datasheet HTML 9Page - Infineon Technologies AG IRF1407LPbF Datasheet HTML 10Page - Infineon Technologies AG IRF1407LPbF Datasheet HTML 11Page - Infineon Technologies AG IRF1407LPbF Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
 
IRF1407S/LPbF
12
2016-5-26
 
Revision History
Date
Comments
4/20/2016
 Updated datasheet with corporate template.
 Corrected typo on Fig. 3 from VDS =15V to VDS = 25V on page 3.
 Corrected typo on Fig. 5 from f = 1MHz to 1kHz on page 4.
 Updated Package outline on pages 9,10.
5/26/2016
 Added disclaimer on last page.
 TO-262 package was removed from ordering information since it is EOL on page 1.
Qualification Information†  
Qualification Level  
Industrial
(per JEDEC JESD47F) ††
D2-Pak
MSL1
(per JEDEC J-STD-020D) ††
TO-262
N/A
RoHS Compliant
Yes
Moisture Sensitivity Level
†
Qualification standards can be found at Infineon’s web site www.infineon.com
†† Applicable version of JEDEC standard at the time of product release.
Trademarks of Infineon Technologies AG 
µHVIC™, µIPM™, µPFC™, AU‐ConvertIR™, AURIX™, C166™, CanPAK™, CIPOS™, CIPURSE™, CoolDP™, CoolGaN™, COOLiR™, CoolMOS™, CoolSET™, CoolSiC™, 
DAVE™, DI‐POL™, DirectFET™, DrBlade™, EasyPIM™, EconoBRIDGE™, EconoDUAL™, EconoPACK™, EconoPIM™, EiceDRIVER™, eupec™, FCOS™, GaNpowIR™, 
HEXFET™,  HITFET™,  HybridPACK™,  iMOTION™,  IRAM™,  ISOFACE™,  IsoPACK™,  LEDrivIR™,  LITIX™,  MIPAQ™,  ModSTACK™,  my‐d™,  NovalithIC™,  OPTIGA™, 
Op MOS™,  ORIGA™,  PowIRaudio™,  PowIRStage™,  PrimePACK™,  PrimeSTACK™,  PROFET™,  PRO‐SIL™,  RASIC™,  REAL3™,  SmartLEWIS™,  SOLID  FLASH™, 
SPOC™, StrongIRFET™, SupIRBuck™, TEMPFET™, TRENCHSTOP™, TriCore™, UHVIC™, XHP™, XMC™ 
 
Trademarks updated November 2015 
 
Other Trademarks 
All referenced product or service names and trademarks are the property of their respec ve owners. 
 Edi on 2016‐04‐19 
Published by 
Infineon Technologies AG 
81726 Munich, Germany 
  
© 2016 Infineon Technologies AG. 
All Rights Reserved. 
  
Do you have a ques on about this 
document? 
Email: erratum@infineon.com 
 
Document reference 
ifx1 
IMPORTANT NOTICE 
The informa on given in this document shall in no 
event be regarded as a guarantee of condi ons or 
characteris cs  (“Beschaffenheitsgaran e”) . 
  
With  respect  to  any  examples,  hints  or  any  typical 
values  stated  herein  and/or  any  informa on 
regarding  the  applica on  of  the  product,  Infineon 
Technologies  hereby  disclaims  any  and  all 
warran es  and  liabili es  of  any  kind,  including 
without  limita on  warran es  of  non‐infringement 
of intellectual property rights of any third party. 
  
In addi on, any informa on given in this document 
is  subject  to  customer’s  compliance  with  its 
obliga ons  stated  in  this  document  and  any 
applicable 
legal 
requirements, 
norms 
and 
standards concerning customer’s products and any 
use  of  the  product  of  Infineon  Technologies  in 
customer’s applica ons. 
  
The data contained in this document is exclusively 
intended  for  technically  trained  staff.  It  is  the 
responsibility of customer’s technical departments 
to  evaluate  the  suitability  of  the  product  for  the 
intended  applica on  and  the  completeness  of  the 
product  informa on  given  in  this  document  with 
respect to such applica on. 
  
For further informa on on the product, technology, 
delivery  terms  and  condi ons  and  prices  please 
contact  your  nearest  Infineon  Technologies  office 
(www.infineon.com). 
 
 Please  note  that  this  product  is  not  qualified 
according to the AEC Q100 or AEC Q101 documents 
of the Automo ve Electronics Council.  
WARNINGS 
 Due  to  technical  requirements  products  may 
contain  dangerous  substances.  For  informa on  on 
the  types  in  ques on  please  contact  your  nearest 
Infineon Technologies office.  
 
Except  as  otherwise  explicitly  approved  by  Infineon 
Technologies  in  a  wri en  document  signed  by 
authorized representa ves of Infineon Technologies, 
Infineon Technologies’ products may not be used in 
any  applica ons  where  a  failure  of  the  product  or 
any consequences of the use thereof can reasonably 
be expected to result in personal injury.  
  
  
  



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com