Electronic Components Datasheet Search
  English  ▼

X  

BUX54 Datasheet(PDF) 2 Page - Seme LAB

Part # BUX54
Description  NPN SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BUX54 Datasheet(HTML) 2 Page - Seme LAB

  BUX54 Datasheet HTML 1Page - Seme LAB BUX54 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BUX54
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IC = 200mA
IB = 0A
L = 25mH
VCE = 450V
VBE = –1.5V
TC = 125°C
IC = 0.6A
IB = 0.06A
IC = 1.2A
IB = 0.15A
IC = 1.2A
IB = 0.15A
VCE = 10V
IC = 0.2A
f = 5MHz
IC = 1.2A
IB = 0.15A
IC = 1.2A
IB1 =0.15A
IB2 - 0.15A
IC = 1.2A
IB1 =0.15A
IB2 - 0.15A
Collector - Emitter Sustaining
Voltage
Collector Emitter Cut-off
Current
Collector – Emitter
Saturation Voltage
Base – Emitter
Saturation Voltage
Transition Frequency
Turn–On Time
Fall Time
Carrier Storage Time
400
0.1
0.5
0.5
1.3
1.5
8
0.25
1.2
3.5
V
mA
V
V
MHz
µs
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
THERMAL CHARACTERISTICS
RθJCJunction to Case Thermal Resistance
17.5
°C/W
VCEO(sus)
ICEX
VCE(sat)*
VBE(sat)*
ft
td + tr
tf
ts
*Pulsed tp =300
µs @< 1%
Document Number 5725
Issue 1
Semelab plc. Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com